Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT5401 Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT5401
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT5401 Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT5401 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT5401 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT5401 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT5401 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBT
5401
PNP Transistor
1 / 4
www.pingjingsemi.com
Revision:1.1 Jan-2019
Absolute Maximum Ratings (TA = 25℃)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
160
V
Collector Emitter Voltage
-VCEO
150
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
600
mA
Power Dissipation
PD
350
mW
Junction Temperature
TJ
150
O
C
Storage Temperature Range
TSTG
- 55 to + 150
O
C
Features
1.Base 2.Emitter 3.Collector
Marking: 2L
SOT-23
(TO-236)
For High Voltage Amplifer Applications.
Silicon Epitaxial Chip.


Similar Part No. - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5401 TRSYS-MMBT5401 Datasheet
171Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT5401 DIODES-MMBT5401 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30057 Rev. 3 - 2
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
67Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com