Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTA42 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBTA42
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTA42 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTA42 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTA42 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTA42 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTA42-MMBTA43
`
NPN Transistors
2 / 3
www.pingjingsemi.com
Revis
ion:1.0 May-2018
Electrical Characteristics Curves
0.2
0.0
1.0
10
IC, Collector Current (mA)
Figure 4."on" Voltages
0.1
1.4
1.2
1.0
0.8
0.6
0.4
0.1
1
10
100
VR, Reverse Voltage (volts)
Figure 2. Capacitance
0.1
1
Ccb @ 1MHz
10
100
Ceb @ 1MHz
A VBE(sat) @-55°C, IC/IB=10
B VBE(on) @ -55°C,VCE=10V
C VBE(sat) @ 125°C,IC/IB=10
D VBE(sat) @ 25°C,IC/IB=10
E VBE(on) @ 125°C,VCE=10V
F VBE(on) @ 25°C,VCE=10V
G VCE(sat) @ 125°C,IC/IB=10
H VCE(sat) @ 25°C,IC/IB=10
I VCE(sat) @ -55°C,IC/IB=10
100
Ic, Collector Current (mA)
Figure 3. Current-Gain-Bandwidth
2.0
3.0
5.0 7.0 10
4
0
1000
10
1.0
3
0
2
0
6
0
5
0
8
0
7
0
20
30
50 70 100
10
IC, Collector Current (mA)
Figure 1. DC Current Gain
120
100
40
TJ=-55°C
0
0.1
20
TJ=25°C
TJ=+125°C
80
60
1.0
100
VCE =10Vdc
VCE=20V
f=20MHz
TJ=20°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com