Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAF-C161PI Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 37Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 38Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 39Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 40Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 41Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 42Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 43Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 44Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 400 page
background image
&3,
0HPRU\ 2UJDQL]DWLRQ
User’s Manual
3-5
1999-08
Note: The upper 256 bytes of SFR area, ESFR area and internal RAM are bit-
addressable (see hashed blocks in the figure above).
Code accesses are always made on even byte addresses. The highest possible code
storage location in the internal RAM is either 00’FDFE
H for single word instructions or
00’FDFC
H for double word instructions. The respective location must contain a branch
instruction (unconditional), because sequential boundary crossing from internal RAM to
the SFR area is not supported and causes erroneous results.
Any word and byte data in the internal RAM can be accessed via indirect or long 16-bit
addressing modes, if the selected DPP register points to data page 3. Any word data
access is made on an even byte address. The highest possible word data storage
location in the internal RAM is 00’FDFE
H. For PEC data transfers, the internal RAM can
be accessed independent of the contents of the DPP registers via the PEC source and
destination pointers.
The upper 256 Byte of the internal RAM (00’FD00
H through 00’FDFFH) and the GPRs of
the current bank are provided for single bit storage, and thus they are bit addressable.
System Stack
The system stack may be defined within the internal RAM. The size of the system stack
is controlled by bitfield STKSZ in register SYSCON (see table below).
For all system stack operations the on-chip RAM is accessed via the Stack Pointer (SP)
register. The stack grows downward from higher towards lower RAM address locations.
Only word accesses are supported to the system stack. A stack overflow (STKOV) and
a stack underflow (STKUN) register are provided to control the lower and upper limits of
the selected stack area. These two stack boundary registers can be used not only for
protection against data destruction, but also allow to implement a circular stack with
hardware supported system stack flushing and filling (except for option ’111’).
The technique of implementing this circular stack is described in chapter “System
Programming”.
Table 3-1
System Stack Size Encoding
<STKSZ>
Stack Size (words) Internal RAM Addresses (words)
0 0 0
B
256
00’FBFE
H...00’FA00H (Default after Reset)
0 0 1
B
128
00’FBFE
H...00’FB00H
0 1 0
B
64
00’FBFE
H...00’FB80H
0 1 1
B
32
00’FBFE
H...00’FBC0H
1 0 0
B
---
Reserved. Do not use this combination.
1 0 1
B
---
Reserved. Do not use this combination.
1 1 0
B
---
Reserved. Do not use this combination.
1 1 1
B
512
00’FDFE
H...00’FA00H (Note: No circular stack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com