Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA3200AEP5AP Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # ADA3200AEP5AP
Description  AMD Athlon 64 Processor Power and Thermal Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200AEP5AP Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button ADA3200AEP5AP Datasheet HTML 9Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 10Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 11Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 12Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 13Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 14Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 15Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 16Page - Advanced Micro Devices ADA3200AEP5AP Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
30430 Rev. 3.43
October 2004
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
Chapter 1
AMD Athlon™ 64 Desktop Processor
13
Parameter/OPN
ADA3000DIK4BI
ADA3200DIK4BI
ADA3500DIK4BI
Model Number
3000+
3200+
3500+
CPUID 8000_0001h EAX [31:0]
7
00010FF0h
00010FF0h
00010FF0h
FID/VID Status MaxVID Field
8
04h
04h
04h
FID/VID Status MaxFID Field
8
0Ah
0Ch
0Eh
FID/VID Status StartVID Field
8
06h
06h
06h
FID/VID Status StartFID Field
8
0Ah
0Ch
0Eh
L2 Cache Size
512 KB
512 KB
512 KB
Max HyperTransport™ Frequency
1000 MHz
1000 MHz
1000 MHz
TCASE Max
11
65°C
65°C
65°C
TCONTROL Max
12
70°C
70°C
70°C
Max P-State
1800 MHz
2000 MHz
2200 MHz
VID_VDD
1.40V
1.40 V
1.40 V
IDD Max
10
45.8 A
45.8 A
45.8 A
Thermal Design Power
1,10
67.0 W
67.0 W
67.0 W
Thermal Resistance (case-to-ambient)
9
0.34
°C/W
0.34
°C/W
0.34
°C/W
Intermediate P-State #1
N/A
1800 MHz
2000 MHz
VID_VDD
N/A
1.35 V
1.35 V
IDD Max
N/A
39.3 A
39.3 A
Thermal Design Power
1
N/A
56 W
56 W
Intermediate P-State #2
N/A
N/A
1800 MHz
VID_VDD
N/A
N/A
1.30 V
IDD Max
N/A
N/A
33.2 A
Thermal Design Power
1
N/A
N/A
46 W
Min P-State
1000 MHz
1000 MHz
1000 MHz
VID_VDD
1.10 V
1.10 V
1.10 V
IDD Max
16.5 A
16.5 A
15.5 A
Thermal Design Power
1
21 W
21 W
20 W
Halt/Stop Grant at Max P-State
2
IDDC1 Max
36.8 A
36.8 A
36.8 A
I/O Power
5
2.9 W
2.9 W
2.9 W
Halt/Stop Grant at Min P-State
3
IDDC1 Max
9.3 A
9.3 A
9.3 A
I/O Power
5
2.9 W
2.9 W
2.9 W
S3
4
I/O Power
4,6
400 mW
400 mW
400 mW
Notes:
1.
Thermal Design Power (TDP) is measured under the conditions of TCASE Max, IDD Max, and VDD=VID_VDD,
and include all power dissipated on-die from VDD, VDDIO, VLDT, VTT, and VDDA.
2.
Assumes tCASE max, VDD, clock divider set to 32.
3.
Assumes 50
°C, VDD nom, clock divider set to 32.
4.
Assumes 35
°C, VDD, VDDA, and VLDT supplies are off, VDDIO and VTT are powered, memory in self-refresh
mode and DDR SDRAM interface tristated except CKE pins.
5.
Thermal Design Power for VDDIO, VTT, VLDT, and VDDA power planes only.
6.
Thermal Design Power for VDDIO and VTT power planes only.
7.
CPUID extended function 8000_0001h fields are used by the BIOS in uniquely associating a given processor to
the P-states that are valid for that processor. Refer to the BIOS and Kernel Developer’s Guide for
AMD Athlon™ 64 and AMD Opteron™ Processors, order# 26094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com