Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRME15005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRME15005
Description  DIP 14 SERIES REED RELAYS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PRME15005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRME15005 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 6Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 7Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 8Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DIP 14 SERIES REED RELAYS
SPECIFICATIONS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
All parameters are at 25°C unless otherwise stated.
Operate voltage, release voltage, and coil resistance will change
approximately 0.4%/°C as ambient temperature varies.
MSS2
Molded 8 Pin
All position
Wetted contacts
MSS7
Molded 4 Pin
All position
Wetted contacts
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
VL
-
-
500
-
-
500
Volts
Switching Current
Max DC/PeakAC Resistive
IL
-
-
2
-
-
2
Amps
Carry Current
Max DC/PeakAC Resistive
IC
-
-
3
-
-
3
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
50
-
-
50
Watts
Life Expectancy
Signal Level 1.0 V 10mA
-
200
-
-
200
-
x10
6 Ops
Related Loads
(1)
Static Contact Resistance
50mV, 10mA
CR
-
40
100
-
65
100
mΩ
Dynamic Contact Resistance
.5V, 50mA at 100Hz, 1.5 msec
DCR
-
N/A
-
-
N/A
-
mΩ
Contact Material
-
Hg
-
-
Hg
-
Hg Content
-
16
-
-
16
-
mgrams
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
10
8
10
10
-10
8
10
10
-
Ω
at 100V, 25°C, 40% RH
Capacitance
Across Open Contacts
-
1.5
2
-
1.2
2
pF
Open Contact to Coil
3
4
-
3
4
pF
Dielectric Strength
Between Contacts
1400
-
-
2000
-
-
VDC/Peak AC
Contacts to Coil
I/O
1400
-
-
5600
-
-
VDC/Peak AC
Operate Time,
At Nominal Coil Voltage
TOP
-
1.2
1.75
-
1.2
1.75
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
-
1
1.50
-
1
1.50
ms
Environmental Ratings
Storage Temperature
TA
-40
-
+105
-40
-
+105
°C
Operating Temperature
TO
-38
-
+75
-38
-
+75
°C
Soldering Temperature
Applied to pins, 5 sec. max.
-
260
-
-
260
°C
Vibration Resistance
10Hz - 500Hz
G
-
-
10
-
-
10
Gs
(Survival)
Shock Resistance
11±1ms,
1/2 Sine Wave
S
-
-
30
-
-
30
Gs
(Survival)
Weight
-
2.3
-
-
2.3
-
grams
(1) Refer to life graphs
SRC
DEVICES
2
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
www.srcdevices.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com