Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTC-4015P Datasheet(PDF) 2 Page - Vecow Co., Ltd.

Part # MTC-4015P
Description  Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

MTC-4015P Datasheet(HTML) 2 Page - Vecow Co., Ltd.

  MTC-4015P Datasheet HTML 1Page - Vecow Co., Ltd. MTC-4015P Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
Dimensions
I/O
Unit : mm/ inch
Multi-Touch Computer/ Display
www.vecow.com
1
2
3
4
5
75,0 (3,0)
100,0 (3,9)
306,2 (12,1)
350,0 (13,8)
86,0 (3,4)
175,2 (6,9)
88,9 (3,5)
328,2 (12,9)
21,5 (0,8)
97,6 (3,8)
MTC-4015-2R650U
MTC-4015 15" Fanless Multi-Touch Computer, 2 GbE LAN, 2 SSD Tray, 2 SIM, 4 COM, 5 USB, Isolated DIO, Onboard Intel
®
Core™ i7-5650U
MTC-4015-2R350U
MTC-4015 15" Fanless Multi-Touch Computer, 2 GbE LAN, 2 SSD Tray, 2 SIM, 4 COM, 5 USB, Isolated DIO, Onboard Intel
®
Core™ i5-5350U
MTC-4015-2R010U
MTC-4015 15" Fanless Multi-Touch Computer, 2 GbE LAN, 2 SSD Tray, 2 SIM, 4 COM, 5 USB, Isolated DIO, Onboard Intel
®
Core™ i3-5010U
MTC-4015P
MTC-4015 15" Fanless Multi-Touch Computer with 5th Gen Intel
® Core™ i7/ i5/ i3 Processor (Broadwell-U), built with IP65 Front
Bezel
DDR3L4G
Certified DDR3L-1600 4G RAM
DDR3L8G
Certified DDR3L-1600 8G RAM
PWA-120W
120W, 24V, 90VAC to 264VAC Power Adapter with 3-pin Terminal Block
PWA-120WM4P
120W, 24V, 90VAC to 264VAC Power Adapter with 4-pin Mini-DIN Connector
PWA-160W-WT
160W, 24V, 85VAC to 264VAC Power Adapter with 3-pin Terminal Block, Wide Temperature -30°C to +70°C
Panel-Mount
Panel Mount Kit
VESA Stand
VESA Table Stand
3G Module
Mini PCIe 3G/GPS Module with Antenna
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth Module
Intel
® Mini PCIe WiFi & Bluetooth Module with Antenna
DVI-D
2 x USB 3.0
CFast
2 x USB 2.0
2 x LAN
2 x SIM
DisplayPort
LED
Power
2 x SSD/HDD Tray
Mic-in
USB 2.0
DIO
Remote Power Switch
DC-in
4 x COM
Line-out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com