Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAS6001ML3B-T Datasheet(PDF) 3 Page - Microchip Technology

Part # DAS6001ML3B-T
Description  Ultra-Small, Low Power MEMS Oscillator for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DAS6001ML3B-T Datasheet(HTML) 3 Page - Microchip Technology

  DAS6001ML3B-T Datasheet HTML 1Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 2Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 3Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 4Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 5Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 6Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 7Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 8Page - Microchip Technology DAS6001ML3B-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006221A-page 3
DSA60XX
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage (VIN) ............................................................................................................................. –0.3V to VDD+0.3V
ESD Protection ............................................................................................................. 4 kV HBM, 400V MM, 2 kV CDM
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V –5% to 3.3V +10%, TA = –40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage Note 1
VDD
1.71
—
3.63
V
—
Active Supply Current
IDD
—
1.3
—
mA
FOUT = 24 MHz, VDD = 1.8V,
No Load
Power Supply Ramp
tPU
0.1
—
100
ms
Note 9
Standby Supply Current
Note 2
ISTBY
—
1.0
—
μA
VDD = 1.8/2.5V
—
1.5
—
VDD = 3.3V
Frequency
f0
0.002
—
80
MHz
—
Frequency Stability Note 3
Δf
—
—
±20
±25
±50
ppm
All temp ranges
Aging
Δf
—
—
±5
ppm
1st year @25°C
—
—
±1
Per year after first year
Startup Time
tSU
—
—
1.5
ms
From 90% VDD to valid clock
output, T = 25°C
Input Logic Levels
Note 4
VIH
0.7 x VDD
—
—
V
Input Logic High
VIL
—
—
0.3 x VDD
V
Input Logic Low
Output Disable Time
Note 5
tDA
—
—
200 +
2 Periods
ns
—
Output Enable Time
Note 6
tEN
—
—
1
μs
—
Enable Pull-Up Resistor
Note 7
—
—
300
—
kΩ
If configured
Output Logic Levels,
Low Drive
VOH
0.8 x VDD
—
—
V
Output Logic High, I = 1 mA
VOL
—
—
0.2 x VDD
V
Output Logic Low, I = –1 mA
Note 1: Pin 4 VDD should be filtered with 0.1 μF capacitor.
2: Not including current through pull-up resistor on EN pin (if configured).
3: Includes frequency variations due to initial tolerance, temp. and power supply voltage.
4: Input waveform must be monotonic with rise/fall time < 10 ms
5: Output Disable time takes up to two periods of the output waveform + 200 ns.
6: For parts configured with OE, not Standby.
7: Output is enabled if pad is floated or not connected.
8: Output Duty Cycle will be 40% to 60% when output frequency is between 40 MHz to 60 MHz.
9: Time to reach 90% of target VDD. Power ramp rise must be monotonic.
10: Peak-to-peak period jitter is measured over 10,000 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com