Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T81SM6FT Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T81SM6FT
Description  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6FT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T81SM6FT Datasheet HTML 15Page - STMicroelectronics M41T81SM6FT Datasheet HTML 16Page - STMicroelectronics M41T81SM6FT Datasheet HTML 17Page - STMicroelectronics M41T81SM6FT Datasheet HTML 18Page - STMicroelectronics M41T81SM6FT Datasheet HTML 19Page - STMicroelectronics M41T81SM6FT Datasheet HTML 20Page - STMicroelectronics M41T81SM6FT Datasheet HTML 21Page - STMicroelectronics M41T81SM6FT Datasheet HTML 22Page - STMicroelectronics M41T81SM6FT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19/29
M41T81S
MAXIMUM RATING
Stressing the device above the rating listed in the
“Absolute Maximum Ratings” table may cause
permanent damage to the device. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rat-
ing conditions for extended periods may affect de-
vice
reliability.
Refer
also
to
the
STMicroelectronics SURE Program and other rel-
evant quality documents.
Table 6. Absolute Maximum Ratings
Note: 1. For SO8 package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal budget not to exceed 245°C
for greater than 30 seconds).
2. For SO8 package, standard (SnPb) lead finish: Reflow at peak temperature of 240°C (total thermal budget not to exceed 180°C for
between 90 to 150 seconds).
3. The SOX18 package has Lead-free (Pb-free) lead finish, but cannot be exposed to peak reflow temperature in excess of 240°C
(use same reflow profile as standard (SnPb) lead finish).
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up Mode
Sym
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off, Oscillator Off)
SOIC
–55 to 125
°C
VCC
Supply Voltage
–0.3 to 7
V
TSLD
Lead Solder Temperature for 10 Seconds
Lead-free lead finish(1)
260
°C
Standard (SnPb)
lead finish(2,3)
240
°C
VIO
Input or Output Voltages
–0.3 to Vcc+0.3
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com