Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAS6001ML2B-B Datasheet(PDF) 17 Page - Microchip Technology

Part # DAS6001ML2B-B
Description  Ultra-Small, Low Power MEMS Oscillator for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DAS6001ML2B-B Datasheet(HTML) 17 Page - Microchip Technology

Back Button DAS6001ML2B-B Datasheet HTML 13Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 14Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 15Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 16Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 17Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 18Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 19Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 20Page - Microchip Technology DAS6001ML2B-B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006221A-page 17
DSA60XX
4-Lead VLGA 2.5 mm x 2.0 mm Package Outline
0.07
C A B
0.03
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10 C
0.08 C
Microchip Technology Drawing C04-1202A Sheet 1 of 2
4X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
4-Lead Very Thin Land Grid Array (AUA) - 2.5x2.0 mm Body [VLGA]
D
E
B
A
0.05 C
0.05 C
2X
2X
4X L
e
CH
CH
A
(A3)
A1
e1
e1
2
4X b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com