Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAS6001ML3B-B Datasheet(PDF) 1 Page - Microchip Technology

Part # DAS6001ML3B-B
Description  Ultra-Small, Low Power MEMS Oscillator for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DAS6001ML3B-B Datasheet(HTML) 1 Page - Microchip Technology

  DAS6001ML3B-B Datasheet HTML 1Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 2Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 3Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 4Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 5Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 6Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 7Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 8Page - Microchip Technology DAS6001ML3B-B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006221A-page 1
DSA60XX
Features
• Automotive AEC-Q100 Qualified
• Wide Frequency Range: 2 kHz to 80 MHz
• Ultra-Low Power Consumption: 1.3 mA/1 μA
(Active/Standby)
• Ultra-Small Footprints
- 1.6 mm x 1.2 mm
- 2.0 mm x 1.6 mm
- 2.5 mm x 2.0 mm
• Frequency Select Input Supports Two
Pre-Defined Frequencies
• High Stability: ±20 ppm, ±25 ppm, ±50 ppm
• Wide Temperature Range
- Automotive Grade 1: –40°C to +125°C
- Automotive Grade 2: –40°C to +105°C
- Automotive Grade 3: –40°C to +85°C
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF Than Quartz Oscillators
• Supply Range of 1.71V to 3.63V
• Short Sample Lead Time: <1 week
• Lead Free & RoHS Compliant
Applications
• Automotive Infotainment
• Automotive ADAS, Surround View Cameras
• In-Vehicle Networking, CAN bus, Ethernet
General Description
The DSA60xx family of MEMS oscillators combines
industry-leading low-power consumption, ultra-small
packages with exceptional frequency stability, and jitter
performance over temperature. The single-output
DSA60xx MEMS oscillators are excellent choices for
use as clock references in automotive applications in
which small size, low power consumption, and
long-term reliability are paramount. The device family is
Automotive Grade AEC-Q100 qualified.
The DSA60xx family is available in ultra-small 1.6 mm
x 1.2 mm, 2.0 mm x 1.6 mm and 2.5 mm x 2.0 mm
packages. These packages are “drop-in” replacements
for standard 4-pin CMOS quartz crystal oscillators.
Package Types
DSA60XX
2.5 mm x 2.0 mm VLGA
2.0 mm x 1.6 mm VFLGA
1.6 mm x 1.2 mm VFLGA
(Top View)
OE/STDBY/FS
4
GND
VDD
OUT
3
2
1
Ultra-Small, Low Power MEMS Oscillator for Automotive


Similar Part No. - DAS6001ML3B-B

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DAS60 ASTEC-DAS60 Datasheet
137Kb / 2P
60 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
More results

Similar Description - DAS6001ML3B-B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC63XX MICROCHIP-DSC63XX Datasheet
457Kb / 28P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
11/07/16
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA63XX MICROCHIP-DSA63XX Datasheet
588Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com