Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM60H12MNSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM60H12MNSA
Description  N- Channel Depletion mode MOSFETS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM60H12MNSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM60H12MNSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM60H12MNSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM60H12MNSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM60H12MNSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM60H12MNSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM60H12MNSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM60H12MNSA
N- Channel Depletion mode MOSFETS
www.pingjingsemi.com
Revision:1.0 Oct-2018
2 / 6
Electrical Characteristics
(TC=25℃, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Drain-Source Breakdown Voltage
V(BR)DSX VGS = -5V, ID = 250μA
600
-
-
V
Gate Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Off-state Drain to Source Current
ID(off)
VDS =600V, VGS = -5V
-
-
0.1
μA
VDS =480V, VGS = -5V,
Ta=125
-
-
10
μA
ON Characteristics
Gate Threshold Voltage
VGS(th) VDS = 3V, ID = 8μA
-2.7
-1.8
-1
V
On-state drain current
IDSS
VGS = 0V, VDS = 25V
12
-
-
mA
Drain-Source On-Resistance
RDS(ON)
VGS = 0V, ID = 3mA
-
350
700
Ω
VGS = 10V, ID = 16mA
-
400
800
Dynamic Characteristics
Forward transconductance
gfs
VDS = 50V, ID = 0.01A
8
17
-
mS
Input Capacitance
Ciss
VDS = 25V,
VGS = -5V,
f = 1MHz
-
50
-
pF
Output Capacitance
Coss
-
4.53
-
Reverse Transfer Capacitance
Crss
-
1.08
-
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=300V, VGS=-5…7V
RG=6Ω, ID=0.01A
-
9.9
-
ns
Turn-On Rise Time
tr
-
55.8
-
Turn-Off DelayTime
td(off)
-
56.4
-
Turn-Off FallTime
tf
-
136
-
Total Gate Charge
Qg
VDD=400V,VGS=-5V to 5V,
ID=0.01A
-
1.14
-
nC
Gate-Source Charge
Qgs
-
0.5
-
Gate-Drain Charge
Qgd
-
0.37
-
Drain-source Diode Characteristics
Diode Forward Current
IS
Ta=25
-
-
0.025
A
Pulse Diode Forward Current
ISM
-
-
0.1
A
Forward Diode Voltage
VSD
VGS = -5V, IF = 16mA
-
-
1.2
V
Gate-source Zener diode
Gate-source breakdown voltage
VGSO
IGS= ±1mA (Open Drain)
20
-
-
V
°C
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com