Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJM3415PSA-4K Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3415PSA-4K
Description  Silicon P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3415PSA-4K Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3415PSA-4K Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA-4K Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA-4K Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA-4K Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA-4K Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3415PSA-4K Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM3415PSA-4K
Silicon P-Channel Power MOSFET
2 / 6
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Type
Max
Units
Static Characteristics
Drain-source breakdown voltage
-V(BR)DSS
VGS = 0V, ID=-250µA
20
V
Zero gate voltage drain current
-IDSS
VDS =-
20V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS=±
10V, VDS= 0V
±
50
µA
Gate threshold voltage Note2
-VGS(th)
VDS =VGS, ID =-250µA
0.
4
1
V
Drain-source on-resistance Note2
RDS(on)
VGS =-4.5V, ID =-4A
33
50
mΩ
VGS =-2.5V, ID =-4A
45
60
VGS =-1.8V, ID =-2A
63
90
Forward tranconductance Note2
gFS
VDS =-5V, ID =-4A
8
S
Dynamic characteristics
Input Capacitance
Ciss
VDS =-10V,VGS =0V,f=1MHz
1450
pF
Output Capacitance
Coss
205
Reverse Transfer Capacitance
Crss
160
Switching Characteristics
Turn-on delay time
td(on)
VDS=-10V, VGS=-4.5V RGEN =3Ω,
RL=2.5Ω,
9.5
ns
Turn-on rise time
tr
17
Turn-off delay time
td(off)
94
Turn-off fall time
tf
35
Total gate charge
Qg
VDS =-10V,VGS =-4.5V,ID =-4A
17.2
nC
Gate-source charge
Qgs
1.3
Gate-drain charge
Qgd
4.5
Source-Drain Diode characteristics
Diode Forward voltage Note1
-VDS
VGS =0V, IS=-1A
1
V
Notes:1.
Surface Mounted on FR4 Board, t ≤ 10 sec.
2.Pulse Test : Pulse width≦3 00µs, duty cycle≦2 %.
Notices:
The MOSFET is a static-sensitive component and has strict requirements on the production environment. It is
recommended to avoid static interference during storage and production. The temperature of the tin furnace or
reflow oven do not exceed 260 degrees.
www.pingjingsemi.com
Revision:1.
1 Jul-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com