Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K6R1016C1D-KC10 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R1016C1D-KC10
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1D-KC10 Datasheet(HTML) 6 Page - Samsung semiconductor

  K6R1016C1D-KC10 Datasheet HTML 1Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1D-KC10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 6 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
Address
Data Out
Previous Valid Data
Valid Data
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1004V1D-08
K6R1004V1D-10
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
8-
10
-
ns
Chip Select to End of Write
tCW
6-7-
ns
Address Set-up Time
tAS
0-0-
ns
Address Valid to End of Write
tAW
6-7-
ns
Write Pulse Width(OE High)
tWP
6-7-
ns
Write Pulse Width(OE Low)
tWP1
8-
10
-
ns
Write Recovery Time
tWR
0-0-
ns
Write to Output High-Z
tWHZ
04
05
ns
Data to Write Time Overlap
tDW
4-5-
ns
Data Hold from Write Time
tDH
0-0-
ns
End of Write to Output Low-Z
tOW
3-3-
ns
Valid Data
High-Z
tRC
CS
Address
OE
Data out
tHZ(3,4,5)
tAA
tCO
tOE
tOLZ
tLZ(4,5)
tOHZ
tPU
tPD
50%
50%
VCC
Current
ICC
ISB
tDH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com