Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K6R1016C1D-TC10 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R1016C1D-TC10
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1D-TC10 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R1016C1D-TC10 Datasheet HTML 1Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1D-TC10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 5 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3ns
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70°C, VCC=3.3±0.3V, unless otherwise noted.)
Output Loads(B)
DOUT
5pF*
319
Ω
353Ω
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+3.3V
* Including Scope and Jig Capacitance
Output Loads(A)
DOUT
RL = 50
Ω
ZO = 50
Ω
VL = 1.5V
30pF*
* Capacitive Load consists of all components of the
test environment.
READ CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1004V1D-08
K6R1004V1D-10
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
8-
10
-
ns
Address Access Time
tAA
-8
-
10
ns
Chip Select to Output
tCO
-8
-
10
ns
Output Enable to Valid Output
tOE
-4
-5
ns
Chip Enable to Low-Z Output
tLZ
3-3
-
ns
Output Enable to Low-Z Output
tOLZ
0-0
-
ns
Chip Disable to High-Z Output
tHZ
0
405
ns
Output Disable to High-Z Output
tOHZ
0
405
ns
Output Hold from Address Change
tOH
3-3
-
ns
Chip Selection to Power Up Time
tPU
0-0
-
ns
Chip Selection to Power DownTime
tPD
-8
-
10
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com