Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8771FTV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8771FTV
Description  24-bit, 192kHz 8-Channel Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8771FTV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8771FTV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8771FTV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Product Preview
WM8771
w
PP Rev 2.0 December 2001
13
DEVICE DESCRIPTION
INTRODUCTION
WM8771 is a complete 8-channel DAC, 2-channel ADC audio codec, including digital interpolation
and decimation filters, multi-bit sigma delta stereo ADC, and switched capacitor multi-bit sigma delta
DACs with digital volume controls on each channel and output smoothing filters.
The device is implemented as four separate stereo DACs and a stereo ADC with flexible input
multiplexor, in a single package and controlled by a single interface.
The four stereo channels may either be used to implement a 5.1 channel surround system, with
additional stereo channel for a stereo mix down channel, or for a complete 7.1 channel surround
system.
Each stereo DAC has its own data input DIN1/2/3/4. DAC word clock DACLRC is shared between
them. The stereo ADC has it’s own data output DOUT, and word clock ADCLRC. BITCLK and MCLK
are shared between the ADCs and DACs. The Audio Interface may be configured to operate in either
master or slave mode. In Slave mode ADCLRC, DACLRC and BCLK are all inputs. In Master mode
ADCLRC, DACLRC and BCLK are all outputs.
The input multiplexor to the ADC is configured to allow large signal levels to be input to the ADC,
using external resistors to reduce the amplitude of larger signals to within the normal operating range
of the ADC. The ADC input PGA also allows input signals to be gained up to +19dB and attenuated
down to -12dB. This allows the user maximum flexibility in the use of the ADC.
Three individually selectable stereo record outputs are also provided on REC1/2/3. It is intended that
the REC1/2/3 outputs are only used to drive high impedance buffers.
Each DAC has its own digital volume control. In addition a zero cross detect circuit is provided for
each DAC. The digital volume control detects a transition through the zero point before updating the
volume. This minimises audible clicks and ‘zipper’ noise as the gain values change.
Control of internal functionality of the device is by 3-wire serial control interface. An SPI or CCB type
interface may used, selectable by the state of the CE pin on the rising edge of RESETB. The control
interface may be asynchronous to the audio data interface as control data will be re-synchronised to
the audio processing internally.
Operation using system clock of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is provided. In Slave
mode selection between clock rates is automatically controlled. In master mode the master clock to
sample rate ratio is set by control bits ADCRATE and DACRATE. ADC and DAC may run at different
rates within the constraint of a common master clock for the ADC and DACs. For example with
master clock at 24.576MHz, a DAC sample rate of 96kHz (256fs mode) and an ADC sample rate of
48kHz (512fs mode) can be accommodated. Master clock sample rates (fs) from less than 8ks/s up
to 192ks/s are allowed, provided the appropriate system clock is input.
The audio data interface supports right, left and I
2S interface formats along with a highly flexible DSP
serial port interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com