Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPC6421 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6421
Description  DLPC6421 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 22Page - Texas Instruments DLPC6421 Datasheet HTML 23Page - Texas Instruments DLPC6421 Datasheet HTML 24Page - Texas Instruments DLPC6421 Datasheet HTML 25Page - Texas Instruments DLPC6421 Datasheet HTML 26Page - Texas Instruments DLPC6421 Datasheet HTML 27Page - Texas Instruments DLPC6421 Datasheet HTML 28Page - Texas Instruments DLPC6421 Datasheet HTML 29Page - Texas Instruments DLPC6421 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
26
DLPC6421
DLPS117A – JULY 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
As with prior DLP® electronics solutions, image data is 100% digital from the DLPC6421 input port to the image
projected on to the display screen. The image stays in digital form and is never converted into an analog signal.
The DLPC6421 processes the digital input image and converts the data into bit-plane format as needed by the
DMD. The DLPC6421 display controller is optimized for high-resolution and high-brightness display applications.
Applications include 4K UHD display applications, mobile smart tv, smart home displays, and digital signage.
7.2 Feature Description
7.2.1 System Reset Operation
7.2.1.1 Power-up Reset Operation
Immediately following a power-up event, DLPC6421 hardware automatically brings up the Master PLL and
places the DLPC6421 in normal power mode. It then follows the standard system reset procedure (see System
Reset Operation).
7.2.1.2 System Reset Operation
Immediately following any type of system reset (Power-up reset, PWRGOOD reset, watchdog timer timeout,
MTR_RSTZ reset, etc), the DLPC6421 device shall automatically return to NORMAL power mode and return to
the following state:
•
All GPIO will tri-state.
•
The Master PLL will remain active (it is reset only after a power-up reset sequence) and most of the derived
clocks are active. However, only those resets associated with the ARM9 processor and its peripherals will be
released (The ARM9 is responsible for releasing all other resets).
•
ARM9 associated clocks default to their full clock rates, boot-up is at full speed.
•
All front end derived clocks are disabled.
•
The PLL feeding the LVDS DMD I/F (PLLD) defaults to its power-down mode and all derived clocks are
inactive with corresponding resets asserted (The ARM9 is responsible for enabling these clocks and releasing
associated resets).
•
LVDS I/O defaults to its power-down mode with outputs tri-stated.
•
All resets output by the DLPC6421 device remain asserted until released by the ARM9 after boot-up.
•
The ARM9 processor boots-up from external flash.
When the ARM9 boots-up, the ARM9 API:
•
Configures the programmable DDR Clock Generator (DCG) clock rates (i.e. the DMD LVDS I/F rate)
•
Enables the DCG PLL (PLLD) while holding divider logic in reset
•
When the DCG PLL locks, ARM9 software sets DMD clock rates
•
API software then releases DCG divider logic resets, which in turn, enable all derived DCG clocks
•
Release external resets
Application software then typically waits for a wake-up command through software or through PROJ_ON pin from
the end user. When the projector is requested to wake-up, the software places the DLPC6421 back in normal
mode, re-initialize clocks, and resets as required.
7.2.2 Spread Spectrum Clock Generator Support
The DLPC6421 controller supports limited, internally-controlled, spread spectrum clock spreading on the DMD
interface. The purpose of this is to frequency spread all signals on this high-speed, external interface to reduce
EMI emissions. Clock spreading is limited to triangular waveforms. The DLPC6421 controller provides
modulation options of 0%, ±0.5% and ±1.0% (center-spread modulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com