Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K6R1016V1D-JI08/10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R1016V1D-JI08/10
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1D-JI08/10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R1016V1D-JI08/10 Datasheet HTML 1Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 2Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 3Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 4Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 5Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 6Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 7Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 8Page - Samsung semiconductor K6R1016V1D-JI08/10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 3 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
256K x 4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating)
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 8,10ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) : 5mA(Max.)
Operating
//K6R1004V1D-08: 80mA(Max.)
K6R1004V1D-10: 65mA(Max.)
•
Single 3.3
±0.3V Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration :
K6R1004V1D-J : 32-SOJ-400
K6R1004V1D-K : 32-SOJ-400 (Lead-Free)
• Operating in Commercial and Industrial Temperature range.
The K6R1004V1D is a 1,048,576-bit high-speed Static Random
Access Memory organized as 262,144 words by 4 bits.
The K6R1004V1D uses 4 common input and output lines and
has an output enable pin which operates faster than address
access time at read cycle. The device is fabricated using
SAMSUNG
′s advanced CMOS process and designed for
high-speed circuit technology. It is particularly well suited for
use in high-density high-speed system applications. The
K6R1004V1D is packaged in a 400 mil 32-pin plastic SOJ.
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+3.3V)
VSS
Ground
N.C
No Connection
PIN CONFIGURATION(Top View)
Clk Gen.
I/O1 ~ I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
512x4 Columns
I/O Circuit &
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A17
A16
A15
A14
A13
OE
I/O4
Vss
Vcc
I/O3
A12
A11
A10
A9
A8
N.C
N.C
A0
A1
A2
A3
CS
I/O1
Vcc
Vss
I/O2
WE
A4
A5
A6
A7
N.C
A10 A11 A12 A13 A14 A15
A0
A1
A2
A3
A4
A5
A6
A7
A9
A16 A17
A8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com