Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5970ADTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5970ADTR
Description  1.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970ADTR Datasheet(HTML) 2 Page - STMicroelectronics

  L5970ADTR Datasheet HTML 1Page - STMicroelectronics L5970ADTR Datasheet HTML 2Page - STMicroelectronics L5970ADTR Datasheet HTML 3Page - STMicroelectronics L5970ADTR Datasheet HTML 4Page - STMicroelectronics L5970ADTR Datasheet HTML 5Page - STMicroelectronics L5970ADTR Datasheet HTML 6Page - STMicroelectronics L5970ADTR Datasheet HTML 7Page - STMicroelectronics L5970ADTR Datasheet HTML 8Page - STMicroelectronics L5970ADTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
L5970AD
2/11
Table 2. Thermal Data
(*) Package mounted on board
Figure 3. Pin Connection (top view)
Table 3. Pin Description
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Rth (j-amb)
Thermal Resistance Junction to ambient
Max.
120 (*)
°C/W
N.
Name
Description
1
OUT
Regulator Output.
2
SYNC
Master/Slave Synchronization. When it is open, a signal synchronous with the turn-off of the inter-
nal power is present at the pin. When connected to an external signal at a frequency higher than
the internal one, then the device is synchronized by the external signal.
Connecting together the SYNC pin of two devices, the one with the higher frequency works as
master and the other one, works as slave.
3INH
A logical signal (active high) disables the device. With IHN higher than 2.2V the device is OFF and with
INH lower than 0.8V, the device is ON.
If INH is not used the pin must be grounded. When it is open, an internal pull-up disables the device.
4
COMP
E/A output to be used for frequency compensation.
5
FB
Stepdown feedback input. Connecting the output voltage directly to this pin results in an output
voltage of 1.235V. An external resistor divider is required for higher output voltages (the typical
value for the resistor connected between this pin and ground is 4.7K).
6VREF
Reference voltage of 3.3V. No filter capacitor is needed to stability.
7
GND
Ground.
8VCC
Unregulated DC input voltage.
Symbol
Parameter
Value
Unit
V8
Input Voltage
40
V
V1
Output DC voltage
Output peak voltage at t = 0.1
µs
-1 to 40
-5 to 40
V
V
I1
Maximum output current
int. limit.
V4, V5
Analog pins
4
V
V3
INH
-0.3V to VCC
V2
SYNC
-0.3 to 4
V
Ptot
Power dissipation at Tamb
≤ 60°C
0.75
W
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
OUT
SYNC
INH
COMP
1
3
2
4
VCC
VREF
GND
FB
8
7
6
5
D98IN955



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com