Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS3L06AL Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS3L06AL
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L06AL Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS3L06AL Datasheet HTML 3Page - STMicroelectronics LIS3L06AL Datasheet HTML 4Page - STMicroelectronics LIS3L06AL Datasheet HTML 5Page - STMicroelectronics LIS3L06AL Datasheet HTML 6Page - STMicroelectronics LIS3L06AL Datasheet HTML 7Page - STMicroelectronics LIS3L06AL Datasheet HTML 8Page - STMicroelectronics LIS3L06AL Datasheet HTML 9Page - STMicroelectronics LIS3L06AL Datasheet HTML 10Page - STMicroelectronics LIS3L06AL Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LIS3L06AL
2 Mechanical and Electrical Specifications
CD00068498
7/17
2.3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 4.
Absolute maximum ratings
2.4
Terminology
Sensitivity describes the gain of the sensor and can be determined by applying 1g
acceleration to it. As the sensor can measure DC accelerations this can be done easily by
pointing the axis of interest towards the center of the earth, note the output value, rotate the
sensor by 180 degrees (point to the sky) and note the output value again thus applying ±1g
acceleration to the sensor. Subtracting the larger output value from the smaller one and dividing
the result by 2 will give the actual sensitivity of the sensor. This value changes very little over
temperature (see sensitivity change vs. temperature) and also very little over time. The
Sensitivity Tolerance describes the range of Sensitivities of a large population of sensors.
Zero-g level describes the actual output signal if there is no acceleration present. A sensor in a
steady state on a horizontal surface will measure 0g in X axis and 0g in Y axis. The output is
ideally for a 3.3V powered sensor Vdd/2 = 1650mV. A deviation from ideal 0-g level (1650mV in
this case) is called Zero-g offset. Offset of precise MEMS sensors is to some extend a result of
stress to the sensor and therefore the offset can slightly change after mounting the sensor onto
a printed circuit board or exposing it to extensive mechanical stress. Offset changes little over
temperature - see “Zero-g level change vs. temperature” - the Zero-g level of an individual
sensor is very stable over lifetime. The Zero-g level tolerance describes the range of Zero-g
levels of a population of sensors.
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage
-0.3 to 7
V
Vin
Input Voltage on Any Control pin (ST, FS)
-0.3 to Vdd +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=3.3V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Not powered)
3000g for 0.5 ms
10000g for 0.1 ms
TSTG
Storage Temperature Range
-40 to +125
°C
ESD
Electrostatic Discharge Protection
2kV HBM
200V MM
1500V CDM
This is a Mechanical Shock sensitive device, improper handling can cause
permanent damages to the part
This is an ESD sensitive device, improper handling can cause permanent damages
to the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com