Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGSF2P02HDT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MGSF2P02HDT3
Description  Power MOSFET 2 Amps, 20 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2P02HDT3 Datasheet(HTML) 3 Page - ON Semiconductor

  MGSF2P02HDT3 Datasheet HTML 1Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 2Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 3Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 4Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 5Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 6Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 7Page - ON Semiconductor MGSF2P02HDT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MGSF2P02HD
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
V(BR)DSS
20
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mA
Gate−to−Source Leakage Current
(VGS = ± 9.0 Vdc, VDS = 0 Vdc)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = 0.25 mAdc)
Temperature Coefficient (Negative)
VGS(th)
0.7
−
0.95
2.2
1.4
−
Vdc
mV/
°C
Drain−to−Source On−Voltage
(VGS = 4.5 Vdc, ID = 1.3 Adc)
(VGS = 2.7 Vdc, ID = 0.8 Adc)
RDS(on)
−
−
145
220
175
280
m
W
Forward Transconductance
(VDS = 10 Vdc, ID = 0.6 Adc)
gFS
1.3
2.0
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
15 Vd
V
0Vd
Ciss
−
225
−
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
−
150
−
Transfer Capacitance
f = 1.0 MHz)
Crss
−
60
−
SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(on)
−
15
−
nsec
Rise Time
(VDS = 10 Vdc, ID = 1.2 Adc,
VGS =45Vdc
tr
−
27
−
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
−
60
−
Fall Time
RG
6.0
Ω)
tf
−
72
−
Turn−On Delay Time
td(on)
−
20
−
Rise Time
(VDD = 10 Vdc, ID = 0.6 Adc,
VGS =27Vdc
tr
−
94
−
Turn−Off Delay Time
VGS = 2.7 Vdc,
RG = 6.0 Ω)
td(off)
−
49
−
Fall Time
RG
6.0
Ω)
tf
−
76
−
Gate Charge
QT
−
5.3
7.5
nC
(VDS = 16 Vdc, ID = 1.2 Adc,
Q1
−
0.7
−
(VDS
16 Vdc, ID
1.2 Adc,
VGS = 4.5 Vdc)
Q2
−
2.6
−
Q3
−
1.9
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 1.2 Adc, VGS = 0 Vdc)
VSD
−
−
0.89
0.72
1.1
−
Vdc
Reverse Recovery Time
t
86
nsec
Reverse Recovery Time
trr
−
86
−
nsec
(IS = 1.2 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
ta
−
27
−
dIS/dt = 100 A/ms)
tb
−
59
−
QRR
−
0.115
−
mC
NOTE: Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com