Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC845 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC845
Description  High Sensitivity, High Density Mounting Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC845 Datasheet(HTML) 1 Page - Sharp Corporation

  PC845 Datasheet HTML 1Page - Sharp Corporation PC845 Datasheet HTML 2Page - Sharp Corporation PC845 Datasheet HTML 3Page - Sharp Corporation PC845 Datasheet HTML 4Page - Sharp Corporation PC845 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC815 Series
High Sensitivity, High Density
Mounting Type Photocoupler
s Features
s Applications
1. High current transfer ratio
( CTR: MIN. 600% at I F= 1mA, V CE =2V)
2. High isolation voltage between input and
output
( V
3. Compact dual-in-line package
1. System appliances, measuring instruments
2. Industrial robots
3. Copiers, automatic vending machines
4. Signal transmission between circuits of
different potentials and impedances
s Outline Dimensions
(Unit : mm )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
PC815 : 1-channel type
PC825 : 2-channel type
PC835 : 3-channel type
PC845 : 4-channel type
4. Recognized by UL file No. E64380
θ
θ
θ
θ
PC845
Internal connection
diagram
PC835
PC825
diagram
Internal connection
3
4
2
1
43
12
PC815
1
1 Anode
2 Cathode
3 Emitter
4 Collector
9
2345678
12
34
56
78
9
1
23456
987
12
34
56
98
7
87
65
1
234
12
34
87
65
Internal connection diagram
1 3 Anode
2 4 Cathode
5 7 Emitter
6 8 Collector
Internal connection diagram
1357 Anode
2468 Cathode
9
Emitter
Collector
135 Anode
246 Cathode
7 9
Emitter
8
Collector
iso
PC815 Serise
θ
θ
θ
θ
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC815I/PC815P )
: 5 000V rms )
2.54 ± 0.25
1.2 ± 0.3
0.9 ± 0.2
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
θ = 0 to 13 ˚
2.54 ± 0.25
1.2 ± 0.3
0.9 ± 0.2
14.74 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
2.54 ± 0.25
1.2 ± 0.3
0.9 ± 0.2
0.5 ± 0.1
19.82 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
2.54 ± 0.25
1.2 ± 0.3
0.9 ± 0.2
0.5 ± 0.1
9.66 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
gg TUV ( VDE0884 ) approved type is also available as an option.
..
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
11
11
12
11
12
12
10
10
10
10
10
10


Similar Part No. - PC845

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
AC Input Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
DIP 16pin (4-channel) AC Input Photocoupler
PC846 SHARP-PC846 Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
More results

Similar Description - PC845

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC815 SHARP-PC815 Datasheet
112Kb / 4P
High Sensitivity, High Density Mounting Type Photocoupler
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com