Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC875 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC875
Description  High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC875 Datasheet(HTML) 4 Page - Sharp Corporation

  PC875 Datasheet HTML 1Page - Sharp Corporation PC875 Datasheet HTML 2Page - Sharp Corporation PC875 Datasheet HTML 3Page - Sharp Corporation PC875 Datasheet HTML 4Page - Sharp Corporation PC875 Datasheet HTML 5Page - Sharp Corporation PC875 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
130
0
25
100
75
50
100
50
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
-30
0.1
Ambient temperature T
(˚C)
0
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
25
50
75
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
20
0
40
60
80
5
5
5
5
5
5
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0.01
1
0.1
10
100
0
100
Ω
1k
Ω
L ( k Ω )
100
10
1
0.1
0.01
0.1
1
10
100
PC865 Serise
Test Circuit for Response Time
VCC
90%
10%
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
t
tr
ts
td
a
Ambient temperature T a (˚C)
f
I F = 1mA
V CE =2V
V CE = 20V
V CE =2V
IC = 2mA
Ta = 25˚C
RL = 10k Ω
IF = 20mA
IC = 5mA
V CE =2V
IC = 10mA
Ta = 25˚C
t r
t d
t f
ts
-30
1 000
Ambient temperature T a (˚C)
-10
-20
10 -11
10 -10
10-9
10 -8
10 -7
10 -6
10 -5
-30
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com