Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC935 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC935
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC935 Datasheet(HTML) 4 Page - Sharp Corporation

  PC935 Datasheet HTML 1Page - Sharp Corporation PC935 Datasheet HTML 2Page - Sharp Corporation PC935 Datasheet HTML 3Page - Sharp Corporation PC935 Datasheet HTML 4Page - Sharp Corporation PC935 Datasheet HTML 5Page - Sharp Corporation PC935 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC930 Series
25˚C
0˚C
Forward voltage VF ( V )
0
1
2
5
10
20
50
100
200
500
0.5
1.0
1.5
2.0
2.5
3.0
3.5
50˚C
Fig. 4 Forward Current vs. Forward Voltage
T a = 75˚C
- 25˚C
0.4
0.6
0.8
1.4
510
20
015
1.2
1.0
1
2
at VCC =5V
vs. Supply Voltage
Supply voltage V CC (V)
0.4
0.6
0.8
1.4
45
8
36
1.2
1.0
1
2
7
at VCC =5V
vs. Supply Voltage
IFHL (PC934 ) =1
IFLH (PC935 ) =1
1 I FHL ( PC934)
I FLH ( PC935)
2 I FLH ( PC934)
I FHL ( PC935)
Supply voltage V CC (V)
0
0.5
1.0
2.0
0
25
50
100
-25
75
1.5
1
2
Ambient Temperature
VCC =5V
Fig. 6 Relative Threshold Input Current vs.
Ambient temperature Ta (˚C)
1 I FHL (PC930/PC932/PC934
FHL ( PC931/PC933/PC935
FLH ( PC930/PC932/PC934
I FLH (PC931/PC933/PC935
IFHL (PC930/PC932/PC934 ) =1
IFLH (PC931/PC933/PC935 ) =1
at Ta = 25˚C
1 IFHL(PC930/PC932)
I FLH(PC931/PC933)
2 IFLH(PC930/PC932)
I FHL(PC931/PC933)
IFHL (PC930/PC932 ) =1
IFLH (PC931/PC933 ) =1
0.01
1
0.02
0.05
0.1
1.0
2
5
10
100
50
20
0.2
0.5
Low Level Output Current
Fig. 7 Low Level Output Voltage vs.
Low level output current I OL ( mA )
T a = 25˚C
0.1
0.2
- 25
25
50
100
0
75
16mA
5mA
0
Ambient Temperature
IOL = 30mA
Fig. 8 Low Level Output Voltage vs.
Ambient temperature T a (˚C)
VCC = 5V (PC930/PC931
PC932/PC933 )
VCC = 4.5V (PC934/PC935
IF = 1mA (PC930/PC932/PC934
IF =0 (PC931/PC933/PC935
PC932/PC933
PC930/PC931
PC934/PC935
Fig. 5-a Relative Threshold Input Current
Fig. 5-b Relative Threshold Input Current
I
2 I
VCC = 5V (PC930 /PC931 /PC932 /PC933 )
V CC = 4.5V ( PC934/ PC935)
IF = 1mA ( PC930/ PC932/ PC934)
IF =0 ( PC931/ PC933/ PC935)
)
)
)
)
)
)
)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com