| Electronic Components Datasheet Search |
|
L3092FN Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3092FN Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 32 page ![]() FUNCTIONAL DESCRIPTION L3000N - HIGH VOLTAGE CIRCUIT The L3000N line interface provides battery feed for telephone lines and ringing injection. Both these operations are done in Balance Mode. This is very important in order to avoid the generation of common mode signals in particular during the pulse dialling operation of the telephone set con- nected to the SLIC. The IC contains a state de- coder that under external control can force the fol- lowing operational modes : stand-by, conversation and ringing. In addition Power down mode can be forced con- necting the bias current resistor to VDD or leaving it open. Two pins, IL and IT, carry out the information con- cerning line status which is detected by sensing the line current into the output stage. The L3000N amplifies both the AC and DC signals entering at pin 6 (VIN) by a factor equal to 40. Separate grounds are provided : - Analog ground as reference for analog sig- nals - Battery ground as a reference for the output stages The two ground should be shorted together at a low impedance point. L3092 - LOW VOLTAGE CIRCUIT The L3092 Low Voltage Control Unit controls the L3000N line interface module providing set up data to set line feed characteristics and to inject ringing. An on chip digital parallel interface allows a microprocessor or a second generation COMBO as the TS5070 to control all the opera- tions. L3092 defines working states of Line Interface Circuit and also informs the card controller about line status. L3000N WORKING STATES In order to carry out the different possible opera- tions, the L3000N has several different working states. Each state is defined by the voltage re- spectively applied by pin 12 and 13 of L3092 to the pins 12 and 11 of L3000N. Three different voltage levels (–3, 0, +3) are avail- able at each connection, so defining nine possible states as listed in tab. 1. Appropriate combinations of two pins define four of the five possible L3000N working states that are: a) Stand-by (SBY) b) Conversation (CVS) FUNCTIONAL DIAGRAM L3000N L3000N - L3092 6/32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |