Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCPUSWIV Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DCPUSWIV
Description  Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DCPUSWIV Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DCPUSWIV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DCPUSWIV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Color
Black
Material of Construction
Steel
Maximum Weight Capacity (kg)
30
Maximum Weight Capacity (lbs.)
66
Motion
Full
Shipping Dimensions (hwd / in.)
10.20 x 9.60 x 21.50
Shipping Weight (kg)
5.49
Unit Dimensions (hwd / cm)
46.5 x 21.3 x 25.3
Unit Dimensions (hwd / in.)
18.3 x 8.4 x 9.9
Unit Weight (kg)
5.26
Unit Weight (lbs.)
11.6
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
Cord Management
No
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com