Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12VR1H20B2N103C3 Datasheet(PDF) 2 Page - CTS Corporation

Part # 12VR1H20B2N103C3
Description  12mm Panel Potentiometer w/Illuminated Shaft
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

12VR1H20B2N103C3 Datasheet(HTML) 2 Page - CTS Corporation

  12VR1H20B2N103C3 Datasheet HTML 1Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 2Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 3Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 4Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 5Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 6Page - CTS Corporation 12VR1H20B2N103C3 Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 12VR
12mm Panel Potentiometer w/Illuminated Shaft
2019-10-29 Rev. B
Page 2 of 7
Electrical Specifications
Min
Typical
Max
Unit
Total Resistance Tolerance
<250kΩ
≥250kΩ
-20
-30
–
–
+20
+30
%
%
Power Rating
–
+0.05
–
watt
Operating Voltage
–
–
–
–
+50
+10
VAC
VDC
Residual Resistance
10kΩ to 50kΩ
>50kΩ
–
–
–
–
30
1
Ω
%
Slider Noise
–
–
+100
mV
Switch Rating
@ 5 VDC
–
+10
–
mA
Switch Contact Resistance
–
–
+100
mΩ
LED Reverse Voltage
–
+5
–
VDC
Insulation Resistance
250 VDC for 1 min.
+100
MΩ
Dielectric Strength
300 VAC for 1 min. no arcing
Taper
Linear and audio options (see charts)
Mechanical
Total Mechanical Travel
300° ± 5°
Operating Torque
No switch
With switch
10 to 120 gf-cm
10 to 80 gf-cm
Shaft Wobble
0.7 x L/30mm p-p max.; L = Shaft Length
Shaft Push-Pull Strength
8 kgf for 10 sec.
Stop Strength
3 kgf-cm min.
Rotational Life
No switch
With switch
15,000 cycles
30,000 cycles
Switch Life
20,000 cycles
Switch Type
SPST – Momentary Push
Switch Stroke
0.30 ± 0.15 mm
Shaft Push Force
450 ± 200 gf max.
Panel Nut Tightening Torque
10 kgf-cm
IP Rating
40
Mounting Hardware
One flat washer and one mounting hex nut supplied with each unit
Packaging
Tray
Weight
4 grams



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com