Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12VR1H15F2N103C3 Datasheet(PDF) 3 Page - CTS Corporation

Part # 12VR1H15F2N103C3
Description  12mm Panel Potentiometer w/Illuminated Shaft
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

12VR1H15F2N103C3 Datasheet(HTML) 3 Page - CTS Corporation

  12VR1H15F2N103C3 Datasheet HTML 1Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 2Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 3Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 4Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 5Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 6Page - CTS Corporation 12VR1H15F2N103C3 Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 12VR
12mm Panel Potentiometer w/Illuminated Shaft
2019-10-29 Rev. B
Page 3 of 7
Environmental
Min
Typical
Max
Unit
Operating Temperature
-10
–
+70
°C
Storage Temperature
-30
–
+70
°C
Soldering Conditions
Wave Solder
Manual Solder
Wash
Preheat: 100°C max for 2 min max; Solder temperature: 260°C ± 5°C for 5 sec max.;
No clean foam flux recommended
350°C ± 5°C for 3 sec max.; Sn95Ag5 no clean solder
Not recommended
Moisture Sensitivity Level
1
ESD Classification (HBM)
Not applicable
All testing is performed at room ambient conditions except as noted. Users should verify device actual performance in their specific applications
This product is compliant to RoHS3 Directive 2015/863 Amendments of Annex II on 31 March 2015, and REACH SVHC Directive EC 1907/2006 Amendments of
Annex XIV & Annex XVII on 15 January 2018.
Custom and value-added options available on request. Please contact your sales representative for additional information.
LED Specifications
Minimum
Typical
Maximum
60
30
—
1.8
2.6
72
20
—
3.2
3.6
100
30
—
2.1
2.6
72
20
—
3.2
3.6
72
20
—
3.2
3.6
Blue
75
20
2.7
3.3
3.7
Orange
60
25
1.7
2.0
2.4
Green
95
25
2..7
3.3
3.7
Red
60
25
1.7
2.0
2.4
Blue
75
20
2.7
3.3
3.7
Green
95
25
2.7
3.3
3.7
Green
95
25
2.7
3.3
3.7
Orange
60
25
1.7
2.0
2.4
Blue
75
20
2.7
—
3.7
Red
60
25
1.7
—
2.4
Red
60
25
1.7
2.0
2.4
Green
110
25
2.7
3.3
3.7
Blue
110
25
2.7
3.3
3.7
Power Dissipation
(mW)
DC Forward Current
(mA)
Test Condition IF = 20 mA
Forward Voltage (V)
Emitted Color
Red/Green/Blue
Red
Blue
Orange
White
Green
Blue/Orange
Green/Red
Blue/Green
Green/Orange
Blue/Red
1 color
2 color
3 color



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com