Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4922-CL Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4922-CL
Description  MPEG/G.729A AUDIO DECODER SYSTEM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4922-CL Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4922-CL Datasheet HTML 2Page - Cirrus Logic CS4922-CL Datasheet HTML 3Page - Cirrus Logic CS4922-CL Datasheet HTML 4Page - Cirrus Logic CS4922-CL Datasheet HTML 5Page - Cirrus Logic CS4922-CL Datasheet HTML 6Page - Cirrus Logic CS4922-CL Datasheet HTML 7Page - Cirrus Logic CS4922-CL Datasheet HTML 8Page - Cirrus Logic CS4922-CL Datasheet HTML 9Page - Cirrus Logic CS4922-CL Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS4922
6
SWITCHING CHARACTERISTICS - CLOCKS (T
A = 25 °C; VA+, VD+ = 5V; Inputs: Logic 0 =
DGND, Logic 1 = VD+, CL = 20pF)
SWITCHING CHARACTERISTICS - EXTERNAL FLAGS (T
A = 25 °C; VA+, VD+ = 5V;
Inputs: Logic 0 = DGND, Logic 1 = VD+, CL = 20pF)
Notes: 3. Assumes 2k
Ω pull-up to 5V supply on XF1-XF4 pins.
SWITCHING CHARACTERISTICS - PROGRAMMABLE INPUT/OUTPUT (T
A = 25 °C;
VA+, VD+ = 5V; Inputs: Logic 0 = DGND, Logic 1 = VD+, CL = 20pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency
CLKIN
27
MHz
Master Clock Duty Cycle
CYCK
40
50
60
%
Clock Output
CLKOUT
-
-
256 Fs
MHz
Parameter
Symbol
Min
Typ
Max
Units
Rise time of XF1-XF4
(Note 3)
trxf
200
ns
Fall time of XF1-XF4
tfxf
100
ns
Parameter
Symbol
Min
Typ
Max
Units
I_O = 0
Input Frequency
fpio
350
kHz
Risetime of PIO
trpio
200
ns
Fall time of PIO
tfpio
200
ns
I_O = 1
Rise time of PIO
trpo
200
ns
Fall time of PIO
tfpo
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com