Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5501-BSZ Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS5501-BSZ
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BSZ Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS5501-BSZ Datasheet HTML 45Page - Cirrus Logic CS5501-BSZ Datasheet HTML 46Page - Cirrus Logic CS5501-BSZ Datasheet HTML 47Page - Cirrus Logic CS5501-BSZ Datasheet HTML 48Page - Cirrus Logic CS5501-BSZ Datasheet HTML 49Page - Cirrus Logic CS5501-BSZ Datasheet HTML 50Page - Cirrus Logic CS5501-BSZ Datasheet HTML 51Page - Cirrus Logic CS5501-BSZ Datasheet HTML 52Page - Cirrus Logic CS5501-BSZ Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
addition, an appropriate baud clock needs to be
input to the CS5501. See AC (Asynchronous
Communication) mode mentioned earlier for an
explanation of the baud rate clock generator and
the data format of the output data in the AC
mode.
The DRDY output from the CS5501 signals the
CTS (Clear To Send) line of the RS-232 interface
when data is available. The Decimation Counter
can be used to determine how frequently output
data is to be transmitted.
The RS-232 interface on the evaluation card is
functionally adequate but it is not compliant with
the EIA RS-232 standard. When the MC145406
RS-232 receiver/driver chip is operated off of
± 5
volt supplies rather than
± 6 volts (see the
MC145406 data sheet for details) its driver output
swing is reduced below the EIA specified limits.
In practical applications this signal swing limita-
tion only reduces the length of cable the circuit is
capable of driving.
DECIMATION COUNTER
Each time a data word is available for output
from the CS5501/CS5503, the DRDY line goes
low, provided the output port was previously
emptied. If the DRDY line is directly tied to the
CS input of the CS5501/CS5503, the converter
will output data every time a data word is pre-
sented to the output pin. In some applications it is
desirable to reduce the output word rate. The rate
can be reduced by lowering the rate at which the
CS line
to
the
chip
is
enabled.
The
CDB5501/CDB5503 evaluation board uses a
counter, IC U3 for this purpose. It is known as a
decimation counter (see Figure 2). The outputs of
the counter are available at connector P4. The
counter accumulates 2n+1 counts (n = 0, 2,
…11)
at which time the selected output enables the CS
input to the CS5501/CS5503 (if the jumper in P9
is in the DC, Decimation Counter, position). The
P-4
2n+1
02
14
28
316
432
564
6
128
7
256
8
512
9
1024
10
2048
11
4096
P-9
DC Output to CS
NC
No Connection
DC
Decimation Counter
Table 4. Decimation Counter Control
Decimation Counter Accumulates 2n+1 DRDY Pulses Before CS is
Enabled.
DATA
CTS
DSR
DCD
RTS
DTR
P6
3
5
7
4
6
2
14
12
10
13
11
15
3
5
6
8
4
20
7
1
U11F
U11A
U11B
U11C
U11D
U11E
NC
V+
V+
V-
1
8
9
16
SDATA (fig. 2)
DRDY (fig. 2)
Sub-D
25 pin
RN 1.5
47 k
MC145406
0.1
µF
0.1
µF
Figure 4. RS-232 Port
CDB5501/CDB5503
DS31DB3
49
CDB5501 CDB5503
DS31DB4
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com