Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM32CIMT Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM32CIMT
Description  Dual Thermal Diode Temperature Sensor with SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM32CIMT Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM32CIMT Datasheet HTML 9Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 10Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 11Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 12Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 13Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 14Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 15Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 16Page - National Semiconductor (TI) LM32CIMT Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1.0 Functional Description (Continued)
All devices (master or slave) must monitor the bus for an
Attention Request signal. The following notes clarify the
intended system operation that uses the Attention Request
Indication.
•
Masters are expected to use the attention request as a
trigger to read results from the LM32. This is done in a
sequence that covers all LM32s. This sequence is re-
ferred to as "master sensor read sequence".
•
After an Attention Request is sent by an LM32 until after
the next read from the Device Status register the LM32
does not send Attention Requests for a function event
since it is guaranteed that the master will read the Status
register as part of the master sensor read sequence.
Note that the LM32 will send an attention for BER, re-
gardless of the Status register read, to help the master
with any error recovery operations and prevent dead-
locks.
•
A master must record the Attention Request event. It
must then scan all slave devices in the system by reading
their Device Status register and must handle any pending
event in them before it may assume that there are no
more events to handle.
Note: there is no indication of which slave has sent the
request. The requirement that multiple requests are not sent
allows the master to know within one scan of register reads
that there are no more pending events.
1.3.6 Fixed Device Number Setting
The LM32 device number is defined by strapping of the ADD
pin. The LM32 will wake (after Device Reset) with the Device
Number field of the Device Number register set to the ad-
dress as designated in Section 2.3 "Device Number". It is the
responsibility of the system designer to avoid having two
devices with the same Device Number on the bus.
Devices should be detected by the master by a read opera-
tion of the Device Number register. The read returns "000" if
there is no device at that address on the bus (the EP bit must
be ignored).
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com