Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC1105AI2-T Datasheet(PDF) 25 Page - Microchip Technology

Part # DSC1105AI2-T
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI2-T Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSC1105AI2-T Datasheet HTML 20Page - Microchip Technology DSC1105AI2-T Datasheet HTML 21Page - Microchip Technology DSC1105AI2-T Datasheet HTML 22Page - Microchip Technology DSC1105AI2-T Datasheet HTML 23Page - Microchip Technology DSC1105AI2-T Datasheet HTML 24Page - Microchip Technology DSC1105AI2-T Datasheet HTML 25Page - Microchip Technology DSC1105AI2-T Datasheet HTML 26Page - Microchip Technology DSC1105AI2-T Datasheet HTML 27Page - Microchip Technology DSC1105AI2-T Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 25
DSC1105/25
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
X
X
Packaging
Stability
Device
Device:
DSC1105:
Low EMI, Low Jitter Precision CMOS Oscillator
with Standby
DSC1125:
Low EMI, Low Jitter CMOS Oscillator
Package:
A
=
6-Lead 7.0 mm x 5.0 mm VDFN
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm VDFN
D
=
6-Lead 2.5 mm x 2.0 mm VDFN
N
=
6-Lead 7.0 mm x 5.0 mm CDFN (no center pad)
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
M
=
–55
C to +125C (Automotive)
Stability:
1
=
±50 ppm
2
=
±25 ppm
3
=
±20 ppm
5
=
±10 ppm
Frequency:
xxx.xxxx
= 2.3 MHz to 100 MHz (user-defined)
Packing Option:
<blank>=
Tube
T
=
1,000/Reel
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Temperature
Range
-XXX.XXXX
Frequency
Option
Examples:
a) DSC1105AM1-
010.0000T:
Low EMI, Low Jitter CMOS Oscillator
with Standby, 6-Lead 7x5 VDFN, Auto-
motive Temp. Range, ±50 ppm Standby,
10 MHz Frequency, 1000/Reel
b) DSC1105BL2-
030.0000:
Low EMI, Low Jitter CMOS Oscillator
with Standby, 6-Lead 5x3.2 CDFN, Ext.
Industrial Temp. Range, ±25 ppm Stabil-
ity, 30 MHz Frequency, Tube
c
) DSC1105DE5-
100.0000:
Low EMI, Low Jitter CMOS Oscillator
with Standby, 6-Lead 2.5x2.0 VDFN, Ext.
Commercial Temp. Range, ±10 ppm
Standby, 100 MHz Frequency, Tube
d
) DSC1105AI2-
075.0000T:
Low EMI, Low Jitter CMOS Oscillator
with Standby, 6-Lead 7.0x5.0 VDFN,
Industrial Temp. Range, ±25 ppm Stabil-
ity, 75 MHz Frequency, 1000/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com