Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC1105DM2-T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC1105DM2-T
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105DM2-T Datasheet(HTML) 2 Page - Microchip Technology

  DSC1105DM2-T Datasheet HTML 1Page - Microchip Technology DSC1105DM2-T Datasheet HTML 2Page - Microchip Technology DSC1105DM2-T Datasheet HTML 3Page - Microchip Technology DSC1105DM2-T Datasheet HTML 4Page - Microchip Technology DSC1105DM2-T Datasheet HTML 5Page - Microchip Technology DSC1105DM2-T Datasheet HTML 6Page - Microchip Technology DSC1105DM2-T Datasheet HTML 7Page - Microchip Technology DSC1105DM2-T Datasheet HTML 8Page - Microchip Technology DSC1105DM2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DSC1105/25
DS20005869A-page 2
 2017 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VIN ..............................................................................................................................–0.3V to VDD + 0.3V
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
ESD Protection On All Pins ...........................................................................................4000V HBM, 1500V CDM (max.)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note:
1000+ years of data retention on internal memory.
TABLE 1-1:
DC CHARACTERISTICS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)VDD
2.25
—
3.6
V
—
Supply Current
IDD
—
—
0.095
mA
DSC1105, EN pin low, output
is disabled
—20
22
DSC1125, EN pin low, output
is disabled
—31
35
Output is enabled
CL= 15 pF, F0 = 100 MHz
Frequency Stability
(Including frequency
variations due to initial
tolerance, temp. and
power supply voltage.)
f
——
±10
ppm
Ext Comm. & Ind. only
±20
All temp ranges
—
—
±25
All temp ranges
—
—
±50
All temp ranges
Aging
f
—
—
±5
ppm
1 year @ 25°C
Startup Time (Note 2)tSU
—
—
5
ms
T = 25°C
Input Logic Levels
VIH
0.75
V
DD
——
V
Input Logic High
VIL
—
—
0.25
V
DD
Input Logic Low
Output Disable Time
(Note 3)
tDS
——
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSC1105
—
—
20
ns
DSC1125
Enable Pull-up Resistor
(Note 4)
——
40
—
k
Pull-up Resistor Exist
CMOS Output
Output Logic Levels
VOH
0.9
V
DD
——
V
Output Logic High
I = ±1.6 mA
VOL
——
0.1
V
DD
Output Logic Low
I = ±1.6 mA
Output Transition Time
tR
—4
5
ns
Rise Time
20% to 80%, CL = 15 pF
tF
—4.7
6
Fall Time
20% to 80%, CL = 15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com