Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC1105AI3-T Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC1105AI3-T
Description  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI3-T Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC1105AI3-T Datasheet HTML 6Page - Microchip Technology DSC1105AI3-T Datasheet HTML 7Page - Microchip Technology DSC1105AI3-T Datasheet HTML 8Page - Microchip Technology DSC1105AI3-T Datasheet HTML 9Page - Microchip Technology DSC1105AI3-T Datasheet HTML 10Page - Microchip Technology DSC1105AI3-T Datasheet HTML 11Page - Microchip Technology DSC1105AI3-T Datasheet HTML 12Page - Microchip Technology DSC1105AI3-T Datasheet HTML 13Page - Microchip Technology DSC1105AI3-T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
DSC1105/25
DS20005869A-page 10
 2017 Microchip Technology Inc.
7.0
SOLDER REFLOW PROFILE
MSL 1 @ 260°C refer to JSTD-020C
Ramp-Up Rate (200°C to Peak Temp)
3°C/Sec. Max.
Preheat Time 150°C to 200°C
60-180 Sec.
Time Maintained Above 217°C
60-150 Sec.
Peak Temperature
255-260°C
Time within 5°C of Actual Peak
20-40 Sec.
Ramp-Down Rate
6°C/Sec. Max.
Time 25°C to Peak Temperature
8 minute Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com