Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPV2-W5 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPV2-W5
Description  0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPV2-W5 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPV2-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPV2-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPV2-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPV-W5 24V & 48V Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPV-W5
series are miniature, isolated 0.5W DC/DC converters in a SIP and DIP package.
They offer the ideal solution in many space critical applications for board level power distribution.
The Internal SMD construction makes it possible to offer a product with high performance at low
cost. The series offers smaller size, improved efficiency and 3KVDC isolation.
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
FEATURES
RoHS compliant、CE certification
Efficiency to 80%
Power density up to 0.85W/cm3
Single or dual output
UL 94V-0 package material
Power sharing on dual output
Footprint from 1.17cm2
Industry standard pinout
3KVDC isolation (1 minute)
Input voltage: 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V / ±5V, ±9V, ±12V, ±15V
Operating temperature: -40ºC to 105ºC
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current
(Max./Min)
Efficiency
Package Style
V
V
mA
%
TPV2405DA-W5
24
5
100/10
71
DIP
TPV2409DA-W5
24
9
55.5/5.55
79
DIP
TPV2412DA-W5
24
12
41.7/4.17
80
DIP
TPV2415DA-W5
24
15
33.3/3.33
81
DIP
TPV2403SA-W5
24
3.3
152/15.2
70
SIP
TPV2405SA-W5
24
5
100/10
71
SIP
TPV2409SA-W5
24
9
55.5/5.55
79
SIP
TPV2412SA-W5
24
12
41.7/4.17
80
SIP
TPV2415SA-W5
24
15
33.3/3.33
81
SIP
TPV2424SA-W5
24
24
20.84/2.084
77
SIP
TPV4805DA-W5
48
5
100/10
71
DIP
TPV4809DA-W5
48
9
55.5/5.55
79
DIP
TPV4812DA-W5
48
12
41.7/4.17
80
DIP
TPV4815DA-W5
48
15
33.3/3.33
81
DIP
TPV4803SA-W5
48
3.3
152/15.2
71
SIP
TPV4805SA-W5
48
5
100/10
71
SIP
TPV4809SA-W5
48
9
55.5/5.55
79
SIP
TPV4812SA-W5
48
12
41.7/4.17
80
SIP
TPV4815SA-W5
48
15
33.3/3.33
81
SIP
TPV2405D-W5
24
±5
±50/±5
71
DIP
TPV2409D-W5
24
±9
±27.75/±2.775
79
DIP
TPV2412D-W5
24
±12
±20.85/±2.085
80
DIP
TPV2415D-W5
24
±15
±16.65/±1.665
81
DIP
TPV2405S-W5
24
±5
±50/±5
71
SIP
TPV2409S-W5
24
±9
±27.75/±2.775
79
SIP
TPV2412S-W5
24
±12
±20.85/±2.085
80
SIP
TPV2415S-W5
24
±15
±16.65/±1.665
81
SIP
TPV4805D-W5
48
±5
±50/±5
71
DIP
TPV4809D-W5
48
±9
±27.75/±2.775
79
DIP
TPV4812D-W5
48
±12
±20.85/±2.085
80
DIP
TPV4815D-W5
48
±15
±16.65/±1.665
81
DIP
TPV4805S-W5
48
±5
±50/±5
71
SIP
TPV4809S-W5
48
±9
±27.75/±2.775
79
SIP
TPV4812S-W5
48
±12
±20.85/±2.085
80
SIP
TPV4815S-W5
48
±15
±16.65/±1.665
81
SIP
Add suffix “P” for continuous short circuit protection, for example TPV2405SAP-W5.
TOPPOWER


Similar Part No. - TPV2-W5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPV2333S8 TECHPUBLIC-TPV2333S8 Datasheet
3Mb / 6P
CMOS Operational Amplifier Zero Drift
TPV2376S8 TECHPUBLIC-TPV2376S8 Datasheet
3Mb / 6P
Ultra Low Noise Rail-to-Rail 1/0 CMOS Precision OPERATIONAL AMPLIFIERS
logo
Toppower Electronic Tec...
TPV2403SA TOPPOWER-TPV2403SA Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2403SA TOPPOWER-TPV2403SA Datasheet
706Kb / 3P
TPV 24V & 48V Series
TPV2403SA-W5 TOPPOWER-TPV2403SA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV2-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com