Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852TVR80 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC852TVR80
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TVR80 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC852TVR80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC852TVR80 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
13
Bus Signal Timing
supply pins. For more information, please refer to MPC866 User’s Manual, Section 14.4.3, “Clock Synthesizer
Power (VDDSYN, VSSSYN, VSSSYN1).”
12 Bus Signal Timing
The maximum bus speed that the MPC852T supports is 66 MHz. Table7 shows the frequency ranges for standard
part frequencies.
Table9 provides the bus operation timing for the MPC852T at 33, 40, 50 and 66 MHz.
The timing for the MPC852T bus shown assumes a 50-pF load for maximum delays and a 0-pF load for minimum
delays. CLKOUT assumes a 100-pF load maximum delay
Table 7. Frequency Ranges for Standard Part Frequencies (1:1 Bus Mode)
Part
Freq
50MHz
66MHz
Min
Max
Min
Max
Core
Freq
40
50
40
66.67
Bus Freq
40
50
40
66.67
Table 8. Frequency Ranges for Standard Part Frequencies (2:1 Bus Mode)
Part
Freq
50MHz
66MHz
80MHz
100MHz
Min
Max
Min
Max
Min
Max
Min
Max
Core
Freq
40
50
40
66.67
40
80
40
100
Bus Freq
2:1
20
25
20
33.33
20
40
20
50
Table 9. Bus Operation Timings
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
B1
Bus period (CLKOUT) See Table7
—
—
—
—
—
—
—
—
ns
B1a
EXTCLK to CLKOUT phase skew - If CLKOUT
is an integer multiple of EXTCLK, then the
rising edge of EXTCLK is aligned with the
rising edge of CLKOUT. For a non-integer
multiple of EXTCLK, this synchronization is
lost, and the rising edges of EXTCLK and
CLKOUT have a continuously varying phase
skew.
-2
+2
-2
+2
-2
+2
-2
+2
ns
B1b
CLKOUT frequency jitter peak-to-peak
—
1
—
1
—
1
—
1
ns
B1c
Frequency jitter on EXTCLK 1
—
0.50
—
0.50
—
0.50
—
0.50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com