Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC852TZT100 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC852TZT100
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT100 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC852TZT100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC852TZT100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
4
Freescale Semiconductor
Features
— Supports one independent PCMCIA socket; 8-memory or I/O windows supported
•
Debug interface
— Eight comparators: four operate on instruction address, two operate on data address, and two operate on
data
— Supports conditions: = < >
— Each watchpoint can generate a break point internally.
•
Normal high and normal low power modes to conserve power
•
1.8 V Core and 3.3 V I/O operation with 5-V TTL compatibility. Refer to Table5 for a listing of the 5-V
Tolerant pins.
Figure 1. MPC852T Block Diagram
Bus
System Interface Unit (SIU)
Embedded
Parallel I/O
Memory Controller
2
Timers
Interrupt
Controllers
8-Kbyte
Dual-Port RAM
1 Virtual
System Functions
4-Kbyte
Instruction Cache
32-Entry ITLB
Instruction MMU
4-Kbyte
Data Cache
32-Entry DTLB
Data MMU
Instruction
Bus
Load/Store
Bus
Unified
Internal
Bus Interface
Unit
External
Bus Interface
Unit
Timers
32-Bit RISC Controller
and Program
ROM
MPC8xx
Processor
Core
DMAs
FIFOs
10/100
MII
Base-T
Media Access
Serial Interface (NMSI)
Control
Fast Ethernet
Controller
PCMCIA-ATA Interface
Generators
2 Baud Rate
IDMA
Channels
DMA
8 Serial
&
SCC3
SCC4
SMC1
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com