Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSM-710-BM2 Datasheet(PDF) 1 Page - Vecow Co., Ltd.

Part # FSM-710-BM2
Description  SUMIT Expansion Card with 2 10GigE SFP Fiber LAN, 1 Mini PCIe Slot, 1 SIM Socket, 1 USB 2.0, -25째C to 55째C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECOW [Vecow Co., Ltd.]
Direct Link  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

FSM-710-BM2 Datasheet(HTML) 1 Page - Vecow Co., Ltd.

  FSM-710-BM2 Datasheet HTML 1Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit : mm/ inch
Dimensions
Specifications
Features
Recommended Configurations
Order Information
2017 Frame Grabbers/ Accessories
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2016-2017 Vecow Co., Ltd. All rights reserved.
ƒ
Intel® X710-BM2 Dual Port 10Gigabit Ethernet Controller
supports up to 10Gbps data rate
ƒ
IEEE 802.3 Fast Ethernet over optical fiber standard compliant
ƒ
IEEE 1588 Precision Time Protocol (PTP)
ƒ
Up to 9728 bytes Jumbo Frame, Link Aggregation
ƒ
Supports Wake-on-LAN (WoL) & PXE
ƒ
Intel® Ethernet Power Management
ƒ
Intel® Data Direct I/O Technology
ƒ
SIM Card Socket for 3G/ 4G/ LTE/ WiFi/ GPRS/ UMTS
ƒ
-25°C to 55°C Operating Temperature
FSM-710-BM2
SUMIT Expansion Card with 2 10GigE SFP+ Fiber LAN, 1 Mini PCIe Slot, 1 SIM Socket, 1 USB 2.0, -25°C to 55°C
FSM-710-BM2
SUMIT (PCIe) Expansion Card with 2 10GigE SFP
+ LAN
FSM-710-BM2-E
SUMIT (PCIe) Expansion Card with 2 10GigE SFP
+ LAN, 1 Mini PCIe, 1 SIM Socket, 1 USB 2.0
Ethernet
Controller
Intel
® Ethernet Controller X710-BM2
Data Rate
10Gbps
Jumbo Frame
Up to 9728 bytes
Link Aggregation
Present
I/O Interface
Bus Type
FSM-710-BM2 : SUMIT B
FSM-710-BM2-E : SUMIT A, B
LAN
2 10GBASE SFP
+ Fiber Connector
Mini PCIe
1 Full-size Mini PCIe Socket
SIM Card
1 SIM Card Socket (Internal, optional supports
External I/O Type)
USB
1 USB 2.0 Connector
Mechanical
Dimensions (W x L)
90mm x 96mm (3.5" x 3.8")
Weight
160 g
Environment
Operating
Temperature
-25°C to 55°C (-13°F to 131°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative Humidity
95% @ 55°C
EMC
CE, FCC
95.9 (3.77”)
High Performance Embedded Systems
IVH-9000, ECS-9000, ECS-8000
Ultra Compact Embedded System
SPC-3500, SPC-3000
Expandable Embedded System
ECS-9700, ECS-9600
3.5" Single Board Computer
EMBC-1000
SUMIT
SFP


Similar Part No. - FSM-710-BM2

ManufacturerPart #DatasheetDescription
logo
Vecow Co., Ltd.
FSM-100 VECOW-FSM-100 Datasheet
275Kb / 1P
SUMIT Expansion Card with 2 100BASE-FX GigE Fiber LAN, 1 PS/2 KB/MS
FSM-200 VECOW-FSM-200 Datasheet
237Kb / 1P
SUMIT Expansion Card with 2 1000BASE SFP Fiber LAN
More results

Similar Description - FSM-710-BM2

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PSB-828LF PROTECHSYSTEMS-PSB-828LF Datasheet
854Kb / 2P
Expansion Slot for 1 x Mini PCIe
logo
AAEON Technology
FWS-2271 AAEON-FWS-2271 Datasheet
319Kb / 2P
Mini-Card Slot x 2 (USB Signal only with SIM Socket x 1)
logo
Vecow Co., Ltd.
RCX-1421F VECOW-RCX-1421F Datasheet
384Kb / 2P
RCX-1400F, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 1 PCI, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
RCX-1430F VECOW-RCX-1430F Datasheet
384Kb / 2P
RCX-1400F, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 1 PCIe x1, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
RCX-1220 VECOW-RCX-1220 Datasheet
365Kb / 2P
RCX-1200, 2 GigE LAN, 1 PCIe x16, 1 PCIe x4, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
FSM-100 VECOW-FSM-100 Datasheet
275Kb / 1P
SUMIT Expansion Card with 2 100BASE-FX GigE Fiber LAN, 1 PS/2 KB/MS
FSM-200 VECOW-FSM-200 Datasheet
237Kb / 1P
SUMIT Expansion Card with 2 1000BASE SFP Fiber LAN
LSM-550-AT2 VECOW-LSM-550-AT2 Datasheet
325Kb / 1P
SUMIT Expansion Card with 2 10GigE LAN, 1 Mini PCIe Slot, 1 SIM Socket, 1 USB 2.0, -25째C to 55째C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com