Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9C303PI Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9C303PI
Description  Digitally Controlled Potentiomet (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303PI Datasheet(HTML) 2 Page - Intersil Corporation

  X9C303PI Datasheet HTML 1Page - Intersil Corporation X9C303PI Datasheet HTML 2Page - Intersil Corporation X9C303PI Datasheet HTML 3Page - Intersil Corporation X9C303PI Datasheet HTML 4Page - Intersil Corporation X9C303PI Datasheet HTML 5Page - Intersil Corporation X9C303PI Datasheet HTML 6Page - Intersil Corporation X9C303PI Datasheet HTML 7Page - Intersil Corporation X9C303PI Datasheet HTML 8Page - Intersil Corporation X9C303PI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN8223.0
March 11, 2005
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the device are
equivalent to the fixed terminals of a mechanical
potentiometer. The minimum voltage is –5V and the
maximum is +5V. It should be noted that the terminol-
ogy of VL and VH references the relative position of the
terminal in relation to wiper movement direction
selected by the U/D input and not the voltage potential
on the terminal.
VW
VW is the wiper terminal, equivalent to the movable
terminal of a mechanical potentiometer. The position
of the wiper within the array is determined by the con-
trol inputs. The wiper terminal series resistance is typi-
cally 40
Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper
movement and whether the counter is incriminated or
decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling
INC will move the wiper and either increment or decre-
ment the counter in the direction indicated by the logic
level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The
current counter value is stored in nonvolatile memory
when CS is returned HIGH while the INC input is also
HIGH. After the store operation is complete the device
will be placed in the low power standby mode until the
device is selected once again.
PIN CONFIGURATION
PIN NAMES
POTENTIOMETER RELATIONSHIPS
VCC
CS
VL
VW
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9C303
DIP/SOIC/(TSSOP)
(CS)
(VCC)
(INC)
(U/D)
(VL)
(VW)
(VSS)
(VH)
Symbol
Description
VH
High Terminal (Potentiometer)
VW
Wiper Terminal (Potentiometer)
VL
Low Terminal (Potentiometer)
VSS
Ground
VCC
Supply Voltage
U/D
Up/Down Control Input
INC
Increment Control Input
CS
Chip Select Control Input
NC
No Connection
VL
VH
(VS)
R99
R98
R2
R1
S100
S99
S98
S3
S2
S1
VW
G
i
20Log
R
1
R
2
. . .
R
i
++
+
R
TOTAL
-------------------------------------------------
V
W
V
S
--------- V
L
0V
=
()
==
R
1
R
2
. . .
R
99
++
+
3
k
Ω
@R
TOTAL
=
(Refer Test Circuit 1)
X9C303



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com