Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS102C Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SS102C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS102C Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS102C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS102C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS102C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS102C Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SS102C THRU SS1010C
Reverse Voltage - 20 to 100 Volts Forward Current - 10.0 Ampere
Average Forward Rectified Current - Amperes
versus Lead Temperature - C
Figure 2
Forward Derating Curve
60
80
120
140
160
180
0
2.0
4.0
6.0
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
8.0
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
100
Junction Capacitance - pF versus
pF
Volts
600
400
40
400
1000
TJ=25
°C
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
40
60
200
100
Amps
.2
1.2
.4
.6
.8
1.0
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
400
600
100
1.4
SS102-SS1045
SS105-SS1010



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com