Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD4148CC Datasheet(PDF) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MMBD4148CC
Description  SOT-23 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MMBD4148CC Datasheet(HTML) 3 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MMBD4148CC Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MMBD4148CC Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MMBD4148CC Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Outlitne Drawing
https://www.microdiode.com
Rev:2019A0
Page :3
MMBD4148A/CA/CC/SE
Important Notice and Disclaimer
Microdiode Electronics (Jiangsu) reserves the right to make changes to this document and its
products and specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design,purchase or use.
Microdiode Electronics (Jiangsu) makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, not does Microdiode Electronics
(Jiangsu) assume any liability for application assistance or customer product design. Microdiode
Electronics (Jiangsu) does not warrant or accept any liability with products which are purchased
or used for any unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of
Microdiode Electronics (Jiangsu).
Microdiode Electronics (Jiangsu) products are not authorized for use as critical components
in life support devices or systems without express written approval of Microdiode Electronics
(Jiangsu).
SOT-23 Package Outline Dimensions
Suggested Pad Layout
e
θ
Dimensions In Millimeters
Symbol
Min
Typ
Max
1.00
A
A
1.40
A1
0.10
0.35
bb
0.50
0.10
cc
0.20
3.10
2.90
2.70
D
D
E
E
1.40
1.60
2.4
E
E11
2.80
e
1.90
0.10
LL
0.30
0.4
L1
L1
θ
0°
10°
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
Note:
1.Controlling dimension:in/millimeters.
2.General tolerance: ±0.05mm.
3.The pad layout is for reference purposes only.
Package Reel Size
Q'TY/Reel
Box Size
7'
3000
45000
203×203×195
QTY/Box
Carton Size
438×438×220
Reel DIA.
330
(mm)
(pcs)
180000
(mm)
(mm)
(pcs)
Q'TY/Carton
(pcs)
SOT-23
PACKAGE SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com