Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 56Page - STMicroelectronics ST92195C6 Datasheet HTML 57Page - STMicroelectronics ST92195C6 Datasheet HTML 58Page - STMicroelectronics ST92195C6 Datasheet HTML 59Page - STMicroelectronics ST92195C6 Datasheet HTML 60Page - STMicroelectronics ST92195C6 Datasheet HTML 61Page - STMicroelectronics ST92195C6 Datasheet HTML 62Page - STMicroelectronics ST92195C6 Datasheet HTML 63Page - STMicroelectronics ST92195C6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 249 page
background image
60/249
ST92195C/D - RESET AND CLOCK CONTROL UNIT (RCCU)
4 RESET AND CLOCK CONTROL UNIT (RCCU)
4.1 INTRODUCTION
The Reset Control Unit comprises two distinct sec-
tions:
– An oscillator that uses an external quartz crystal.
– The Reset/Stop Manager, which detects and
flags Hardware, Software and Watchdog gener-
ated resets.
4.2 RESET / STOP MANAGER
The RESET/STOP Manager resets the device
when one of the three following triggering events
occurs:
– A hardware reset, consequence of a low level on
the RESET pin.
– A software reset, consequence of an HALT in-
struction when enabled.
– A Watchdog end of count.
The RESET input is schmitt triggered.
Note: The memorized Internal Reset (called RE-
SETO) will be maintained active for a duration of
32768 Oscin periods (about 8 ms for a 4 MHz crys-
tal) after the external input is released (set high).
This RESETO internal Reset signal is output on
the I/O port bit P3.7 (active low) during the whole
reset phase until the P3.7 configuration is changed
by software. The true internal reset (to all macro-
cells) will only be released 511 Reference clock
periods after the Memorized Internal reset is re-
leased.
It is possible to know which was the last RESET
triggering event, by reading bits 5 and 6 of register
SDRATH.
Figure 28. Reset Overview
n
4.3 OSCILLATOR CHARACTERISTICS
The on-chip oscillator circuit uses an inverting gate
circuit with tri-state output.
Notes:
Owing to the Q factor required, Ceramic Resona-
tors may not provide a reliable oscillator source.
The oscillator can not support quartz crystal or ce-
ramic working at the third harmonic without exter-
nal tank circuits.
OSCOUT must not be used to drive external cir-
cuits.
Halt mode is set by means of the HALT instruction.
In this mode the parallel resistor, R, is disconnect-
ed and the oscillator is disabled. This forces the in-
ternal clock to a high level and OSCOUT to a high
impedance state.
To exit the HALT condition and restart the oscilla-
tor, an external RESET pulse is required.
It should be noted that, if the Watchdog function is
enabled, a HALT instruction will not disable the os-
cillator. This to avoid stopping the Watchdog if a
HALT
code is executed in error. When this occurs,
the CPU will be reset when the Watchdog times
out or when an external reset is applied.
When a HALT instruction is executed, the main
crystal oscillator is stopped and any spurious
clocks are ignored. Other analog systems such as
the on-chip line PLL (for VPS/WSS) or the whole
Video chain (Slicers & Sync Extraction) must be
stopped separately by the software as they will in-
duce static consumption.
Build-up Counter
RCCU
True
RESET
RESETO
Memorized
Reset
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com