Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 113Page - STMicroelectronics ST92195C6 Datasheet HTML 114Page - STMicroelectronics ST92195C6 Datasheet HTML 115Page - STMicroelectronics ST92195C6 Datasheet HTML 116Page - STMicroelectronics ST92195C6 Datasheet HTML 117Page - STMicroelectronics ST92195C6 Datasheet HTML 118Page - STMicroelectronics ST92195C6 Datasheet HTML 119Page - STMicroelectronics ST92195C6 Datasheet HTML 120Page - STMicroelectronics ST92195C6 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 249 page
background image
117/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.6.3 Building a Serial Mode, 40-Char, Line
Mode Display
Half-Page Location
The 0.5 Kbyte block of half-page content is stored
in the TDSRAM location pointed to by the
PG3..PG0 bits.
Header & Status Rows Location
The 0.5 Kbyte block containing the Header, Status
Row 0 and Status Row 1 is pointed to by the
HS3..HS0 bits. The Row attribute (row count) is
stored in this block at offset 100h and contains 12
bytes for line mode (see DCM1R register descrip-
tion).
Row Scrolling Buffer Location
The scrolling buffer corresponds to Row 12 when
the scrolling feature is used (in this case 11 rows
are scrolled).
Figure 73. Serial (40 Characters) Line Mode Mapping
0.5K TDSRAM
Row 1
Row 11
Row 12/ Scrolling Buffer
Free Space
Resolution 0.5K bytes
See Figure 70 on
page 115 for
Address Values
0.5K TDSRAM
Header Char.
Resolution 0.5K bytes
Status Row 0
Status Row 1
Free Space
Row Attr.
Free Space
100h
Block
Number
(0.5K)
TDSRAM
Address
(hex.)
TDPR
Value
(Hex.)
PG3..PG0
0
8000
0
1
8200
1
2
8400
2
3
8600
3
4
8800
4
5
8A00
5
6
8C00
6
7
8E00
7
8
9000
8
9
9200
9
10
9400
A
11
9600
B
12
9800
C
13
9A00
D
14
9C00
E
15
9E00
F
6K
2K
8K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com