Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 123Page - STMicroelectronics ST92195C6 Datasheet HTML 124Page - STMicroelectronics ST92195C6 Datasheet HTML 125Page - STMicroelectronics ST92195C6 Datasheet HTML 126Page - STMicroelectronics ST92195C6 Datasheet HTML 127Page - STMicroelectronics ST92195C6 Datasheet HTML 128Page - STMicroelectronics ST92195C6 Datasheet HTML 129Page - STMicroelectronics ST92195C6 Datasheet HTML 130Page - STMicroelectronics ST92195C6 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 249 page
background image
127/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
HEADER & STATUS CONTROL REGISTER
(HSCR)
R244 - Read/Write
Register Page: 32
Reset Value: 0010 1010 (2Ah)
Bits 7:6 = Reserved.
Bits 5,3 = ES[1:0]:
Enable Status Rows [1:0] dis-
play control bits. If the bit is reset, the correspond-
ing Status Row is filled with the full screen color; if
the bit is set, the corresponding Status Row is dis-
played (Status Row 1 is assumed to be the bottom
one).
Bits 4,2 = NS[1:0]:
Serial/Parallel Mode Status
Rows display control bits. If the corresponding bit
is reset, the Status Row uses only serial attributes.
If the corresponding bit is set, the Status Row uses
parallel attributes (except size attributes).
Bit 1 = EH:
Enable Header display control bit. If
set, the Header row is displayed; if reset, the
Header row is filled with the full screen color.
Bit 0 = NH:
Serial/Parallel Mode Header display
control bit. If the bit is reset, the Header uses only
serial attributes. If the bit is set, the Header uses of
parallel attributes.
70
0
0
ES1
NS1
ES0
NS0
EH
NH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com