Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 132Page - STMicroelectronics ST92195C6 Datasheet HTML 133Page - STMicroelectronics ST92195C6 Datasheet HTML 134Page - STMicroelectronics ST92195C6 Datasheet HTML 135Page - STMicroelectronics ST92195C6 Datasheet HTML 136Page - STMicroelectronics ST92195C6 Datasheet HTML 137Page - STMicroelectronics ST92195C6 Datasheet HTML 138Page - STMicroelectronics ST92195C6 Datasheet HTML 139Page - STMicroelectronics ST92195C6 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 249 page
background image
136/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
DEFAULT COLOR REGISTER (DCR)
R240 - Read/Write
Register Page: 33
Reset Value: 0111 0000 (70h)
Bits 7:4 = DFG[3:0]:
Default Foreground Color.
DFG[3:0] = (Half-Intensity, R, G, B)
Bits 3:0 = DBG[3:0]:
Default Background Color
DBG[3:0] = (Half-Intensity, R, G, B)
Table of Color Values (hex)
CURSOR ABSOLUTE VERTICAL POSITION
REGISTER (CAPVR)
R241 - Read/Write
Register Page: 33
Reset Value: 0000 0000 (00h)
Bits 7:5 = Reserved, keep in reset state.
Bits 4:0 = ACP[4:0]: Absolute Vertical Position of
the cursor in case of double height or scrolling.
TDSRAM PAGE POINTER REGISTER (TDPPR)
R246 - Read/Write
Register Page: 33
Reset Value: xxx0 0000 (x0h)
Bits 7:4 = Reserved, keep in reset state.
Bits 3:0 = PG[3:0]:
Page Pointer
Location of the current Page content (rows 1 to 23)
in the TDSRAM. For more details, refer to the Dis-
play Memory Mapping Section , ON SCREEN
DISPLAY (Cont’d).
TDSRAM HEADER/STATUS POINTER REGIS-
TER (TDHSPR)
R247 - Read/Write
Register Page: 33
Reset Value: xxx0 0000 (x0h)
Bits 7:4 = Reserved, keep in reset state.
Bits 3:0 = HS[3:0]:
Header/Status Rows Pointer
Location of the current Header and Status Rows in
the TDSRAM. For more details, refer to the Dis-
play Memory Mapping paragraph Section , ON
SCREEN DISPLAY (Cont’d).
70
DFG3
DFG2
DFG1
DFG0
DBG3
DBG2 DBG1
DBG0
0 Black
8 Black
1 Blue
9 Dark blue
2 Green
A Dark green
3 Cyan
B Dark cyan
4 Red
C Dark red
5 Magenta
D Dark magenta
6 Yellow
E Dark yellow
7 White
F Grey
70
0
0
0
ACP4
ACP3
ACP2
ACP1
ACP0
70
x
x
x
0
PG3
PG2
PG1
PG0
70
x
x
x
0
HS3
HS2
HS1
HS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com