Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 162Page - STMicroelectronics ST92195C6 Datasheet HTML 163Page - STMicroelectronics ST92195C6 Datasheet HTML 164Page - STMicroelectronics ST92195C6 Datasheet HTML 165Page - STMicroelectronics ST92195C6 Datasheet HTML 166Page - STMicroelectronics ST92195C6 Datasheet HTML 167Page - STMicroelectronics ST92195C6 Datasheet HTML 168Page - STMicroelectronics ST92195C6 Datasheet HTML 169Page - STMicroelectronics ST92195C6 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 249 page
background image
166/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
7.8.2 General Operation
The VPS/WSS Slicer implements the following
features:
Wide Screen Signalling (WSS) follows the pro-
posed ETSI standard providing advanced televi-
sion features such as aspect ratio and format us-
ing 14 Bits of information extracted from Half Line
23, Field 1.
Video Programming System (VPS) follows the in-
dustry standard for VPS using 5 bytes of informa-
tion extracted from Line 16, on Field 1 (bytes 5, 11
to 14).
The input signals are treated internally by the sys-
tem as follows:
– Data: the serial data from the analog video input
is converted to serial digital data for digital
processing.
– WSS window/VPS window. For the VPS signal
treatment, the analog video signal is taken from
the CVBS1 pin after its amplification through the
programmable amplifier. For the WSS signal
treatment, the video signal is taken from the
CVBS2 pin directly. The CVBS2 pin is AC driven
through a 150pF capacitor.
– VSync: The system also receives the sync sig-
nals from the video input pin. This signal con-
tains the information telling exactly which line
and field is being processed. This is performed
in the Sync Extractor Cell with its outputs deliv-
ered to the VPS/WSS cell.
7.8.2.1 Analog Input stage
The data slicer determines the average amplitude
of the input data stream and references a compa-
rator at this value. The average amplitude is ac-
complished by AC coupling the video input signal
into the slicer cell and gating the bias circuits dur-
ing the active bi-phase signal.
7.8.2.2 Video Input Specification
The composite video baseband signal (CVBS) in-
put is 1 VPP +/- 6dB from the bottom of sync to
100IRE video for both CVBS1 (VPS path) and
CVBS2 (WSS path). The polarity of the video is
negative going sync.
7.8.2.3 Digital Decoder
The digital decoder uses the 5MHz clock as the
main timing reference and the digital outputs from
the sync and data slicer as the signal inputs. The
data for both VPS and WSS are transmitted with a
reference of 5 MHz clock with the same phase.
The serial digital data coming out of the data slicer
is first sampled at 5 MHz, this oversamples the
2.5Mbits/sec enough to process the signal under
normal conditions. The samples are then digitally
processed.
The bi-phase code is checked on both sides of the
signal with respect to a timing delay to detect er-
rors.
7.8.2.4 Framing Code and Data Check
If the framing code is recognized, the data is fur-
ther processed and a flag is set.
The data is then processed for biphase errors. If
the data is not defective, bits ERB1..5 remain at 0
and the data is stored. If the data is in error, bits
ERB1..5 are set by hardware. These bits must be
cleared by the user before the next framing code.
If a framing code is not recognized, the data is not
stored , the flag remains at 0 (VFRMVPS bit in the
VPSSR register) and the slicer waits for the next
VPS/WSS window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com