Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 175Page - STMicroelectronics ST92195C6 Datasheet HTML 176Page - STMicroelectronics ST92195C6 Datasheet HTML 177Page - STMicroelectronics ST92195C6 Datasheet HTML 178Page - STMicroelectronics ST92195C6 Datasheet HTML 179Page - STMicroelectronics ST92195C6 Datasheet HTML 180Page - STMicroelectronics ST92195C6 Datasheet HTML 181Page - STMicroelectronics ST92195C6 Datasheet HTML 182Page - STMicroelectronics ST92195C6 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 249 page
background image
179/249
ST92195C/D - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
The data on the SDA line is sampled on the low to
high transition of the SCL line.
SPI working with an I2C-bus
To use the SPI with the I2C-bus protocol, the SCK
line is used as SCL; the SDI and SDO lines, exter-
nally wire-ORed, are used as SDA. All output pins
must be configured as open drain (see Figure 95).
Table 32. illustrates the typical I2C-bus sequence,
comprising 5 phases: Initialization, Start, Trans-
mission, Acknowledge and Stop. It should be not-
ed that only the first 8 bits are handled by the SPI
peripheral; the ACKNOWLEDGE bit must be man-
aged by software, by polling or forcing the SCL
and SDO lines via the corresponding I/O port bits.
During the transmission phase, the following I2C-
bus features are also supported by hardware.
Clock Synchronization
In a multimaster I2C-bus system, when several
masters generate their own clock, synchronization
is required. The first master which releases the
SCL line stops internal counting, restarting only
when the SCL line goes high (released by all the
other masters). In this manner, devices using dif-
ferent clock sources and different frequencies can
be interfaced.
Arbitration Lost
When several masters are sending data on the
SDA line, the following takes place: if the transmit-
ter sends a “1” and the SDA line is forced low by
another device, the ARB flag (SPICR.5) is set and
the SDO buffer is disabled (ARB is reset and the
SDO buffer is enabled when SPIDR is written to
again). When BMS is set, the peripheral clock is
supplied through the INT2 line by the external
clock line (SCL). Due to potential noise spikes
(which must last longer than one INTCLK period to
be detected), RX or TX may gain a clock pulse.
Referring to Figure 97, if device ST9-1 detects a
noise spike and therefore gains a clock pulse, it
will stop its transmission early and hold the clock
line low, causing device ST9-2 to freeze on the 7th
bit. To exit and recover from this condition, the
BMS bit must be reset; this will cause the SPI logic
to be reset, thus aborting the current transmission.
An End of Transmission interrupt is generated fol-
lowing this reset sequence.
Figure 98. SPI Arbitration
n
n
INTERNAL SERIAL
CLOCK
BHS
0
1
ST9-1
SCK
MSPI
LOGIC
CONTROL
INT 2
MSPI
CONTROL
LOGIC
0
1
BHS
SCK
INTERNAL SERIAL
CLOCK
ST9-2
INT 2
1
2
345
67
ST9-2-SCK
ST9-1-SCK
8
7
6
5
3
2
1
4
SPIKE
VR001410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com