Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 182Page - STMicroelectronics ST92195C6 Datasheet HTML 183Page - STMicroelectronics ST92195C6 Datasheet HTML 184Page - STMicroelectronics ST92195C6 Datasheet HTML 185Page - STMicroelectronics ST92195C6 Datasheet HTML 186Page - STMicroelectronics ST92195C6 Datasheet HTML 187Page - STMicroelectronics ST92195C6 Datasheet HTML 188Page - STMicroelectronics ST92195C6 Datasheet HTML 189Page - STMicroelectronics ST92195C6 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 249 page
background image
186/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
7.10.3 Functional Description
Refer to Section 0.1.6 for the bit definitions.
Figure 2 gives the block diagram of the cell.
By default, the I2C interface is in inactive slave
mode, except when it initiates a transmit or receive
sequence.
After the microcontroller power-on reset state, the
I2C interface is in reset state until the CLEAR bit
(I2CCTR register) is reset.
7.10.3.1 Configuring the interface
Before using the I2C interface, configure it as fol-
lows.
If it is to be used in slave mode, write the address
assigned to the interface in the I2COAR register.
If it is to be used in master mode, write the SCL
clock frequency in the I2CFQR register.
Then, select one of the two buses available and
configure the corresponding pins to the alternate
function (refer to the I/O port chapter).
Depending on your application, you may use the
advanced features (see the UNPROC and UNEXP
bits of the I2CSTR2 register) by setting the AFEN
bit of the I2CCTR register.
You may also optionally set the RSRT and STOP
bits of the I2CCTR register.
You can enable the interrupt on stop condition and
the Spike filter by setting the ISCEN and SFEN
bits of the I2CSTR1 register.
If you want to use the monitor feature, then set the
MONITOR bit in the I2CCTR register.
In all cases reset the CLEAR bit of the I2CCTR
register to enable the I2C interface.
Figure 105. I²C interface block diagram
DATA REGISTER (I2CDR)
OWN ADDRESS REGISTER (I2COAR)
FREQUENCY REGISTER (I2CFQR)
STATUS REGISTER 1 (I2CSTR1)
CONTROL REGISTER (I2CCTR)
SDA In
SCL In
INTERRUPT
STATUS REGISTER 2 (I2CSTR2)
CPU Interrupt
CLOCK
START & STOP
SCL 1
SDA 1
SCL 2
SDA 2
GENERATION
UNIT
DETECTION
UNIT
UNIT
START & STOP
GENERATION
COMPARATOR
ADDRESS
REGISTER
SHIFT DATA
UNIT
BIT TRANSFER
STATE MACHINE
ERROR AND
ARBITRATION
UNIT
Fast Mode Enable
Acknowledge Bit
SDA Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com