Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C6 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST92195C6
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C6 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST92195C6 Datasheet HTML 196Page - STMicroelectronics ST92195C6 Datasheet HTML 197Page - STMicroelectronics ST92195C6 Datasheet HTML 198Page - STMicroelectronics ST92195C6 Datasheet HTML 199Page - STMicroelectronics ST92195C6 Datasheet HTML 200Page - STMicroelectronics ST92195C6 Datasheet HTML 201Page - STMicroelectronics ST92195C6 Datasheet HTML 202Page - STMicroelectronics ST92195C6 Datasheet HTML 203Page - STMicroelectronics ST92195C6 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 249 page
background image
200/249
ST92195C/D - VOLTAGE SYNTHESIS TUNING CONVERTER (VS)
7.12 VOLTAGE SYNTHESIS TUNING CONVERTER (VS)
7.12.1 Description
The on-chip Voltage Synthesis (VS) converter al-
lows the generation of a tuning reference voltage
in a TV set application. The peripheral is com-
posed of a 14-bit counter that allows the conver-
sion of the digital content in a tuning voltage, avail-
able at the VS output pin, by using PWM (Pulse
Width Modulation) and BRM (Bit Rate Modulation)
techniques. The 14-bit counter gives 16384 steps
which allow a resolution of approximately 2 mV
over a tuning voltage of 32 V. This corresponds to
a tuning resolution of about 40 KHz per step in
UHF band (the actual value will depend on the
characteristics of the tuner).
The tuning word consists of a 14-bit word con-
tained in the registers VSDR1 (R254) and VSDR2
(R255) both located in page 59.
Coarse tuning (PWM) is performed using the sev-
en most significant bits. Fine tuning (BRM) is per-
formed using the the seven least significant bits.
With all “0”s loaded, the output is 0. As the tuning
voltage increases from all “0”s, the number of puls-
es in one period increases to 128 with all pulses
being the same width. For values larger than 128,
the PWM takes over and the number of pulses in
one period remains constant at 128, but the width
changes. At the other end of the scale, when al-
most all “1”s are loaded, the pulses will start to link
together and the number of pulses will decrease.
When all “1”s are loaded, the output will be almost
100% high but will have a low pulse (1/16384 of
the high pulse).
7.12.2 Output Waveforms
Included inside the VS are the register latches, a
reference counter, PWM and BRM control circuit-
ry. The clock for the 14-bit reference counter is de-
rived from the main system clock (referred to as
INTCLK) after a division by 4. For example, using
an internal 12 MHz on-chip clock (see Timing &
Clock Controller chapter) leads to a 3 MHz input
for the VS counter.
From the point of view of the circuit, the seven
most significant bits control the coarse tuning,
while the seven least significant bits control the
fine tuning. From the application and software
point of view, the 14 bits can be considered as one
binary number.
As already mentioned the coarse tuning consists
of a PWM signal with 128 steps: we can consider
the fine tuning to cover 128 coarse tuning cycles.
The VS Tuning Converter is implemented with 2
separate outputs (VSO1 and VSO2) that can drive
2 separate Alternate Function outputs of 2 stand-
ard I/O port bits. A control bit allows you to choose
which output is activated (only one output can be
activated at a time).
When a VS output is not selected because the VS
is disabled or because the second output is select-
ed, it stays at a logical “one” level, allowing you to
use the corresponding I/O port bit either as a nor-
mal I/O port bit or for a possible second Alternate
Function output.
A second control bit allows the VS function to be
started (or stopped) by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com