Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS9225L-S Datasheet(PDF) 1 Page - Mechatronics, Inc.

Part # MS9225L-S
Description  DC AXIAL FANS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MECHATRONICS [Mechatronics, Inc.]
Direct Link  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

MS9225L-S Datasheet(HTML) 1 Page - Mechatronics, Inc.

  MS9225L-S Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
C o o l i n g S i m p l i fi e d
MS9225-S series
(92 x 92 x 25 mm)
3.62 x 3.62 x 1.00 inches
Features:
soft start, polarity protection,
auto-restart
Operating Voltage: 12, 24 and 48 VDC
Construction:
UL94V-0 plastic impeller and
plastic frame
Bearing option:
ball bearing
Air Flow:
air exhaust over struts
Options:
*Additional performance levels available, contact Mechatronics for more options
• encapsulated motor (IP68)
• conformal coating;
• PWM speed control;
• locked rotor alarm signal;
• tachometer;
Model No.
Rated
Voltage
VDC
Current A
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
24
12
48
M³/Min.
CFM
MM
INCH
MS9225L-S
12/24/48
12/24/48
24/48
0.10
0.04
2,500
1.17
41.3
3.12
0.12
33
102
MS9225M-S
0.27
0.07
3,500
1.65
58.1
5.58
0.22
43
102
MS9225H-S
-
0.12
0.06
0.13
0.20
4,500
2.08
73.6
8.57
0.34
49
102
3.248 ±0.008
(82.5 ±0.2)
3.622 ±0.020
(92.0 ±0.5)
0.984 ±0.020
(25.0 ±0.5)
4–Ø0.173±0.008
(4–Ø4.4±0.2)
0.20
0.30
0.10
0
20
40
60
80
AIR VOLUME (CFM)
H
M
L
12.30.19


Similar Part No. - MS9225L-S

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
MS9228-01 UMPCO-MS9228-01 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9228-02 UMPCO-MS9228-02 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9228-03 UMPCO-MS9228-03 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9228-04 UMPCO-MS9228-04 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9228-05 UMPCO-MS9228-05 Datasheet
68Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
More results

Similar Description - MS9225L-S

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com