Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX58200BT Datasheet(PDF) 66 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 66 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 62Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 63Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 64Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 65Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 66Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 67Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 68Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 69Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 70Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 180 page
background image
66
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
⚫
Support Timer0 ~ Timer3 time-out interrupt signal or capture interrupt signal to trigger EPWM,
EADC, DAC and PDMA function
⚫
Supports internal capture triggered while internal ACMP output signal transition
⚫
Supports Inter-Timer trigger mode
⚫
Supports event counting source from internal USB SOF signal
2.8.2.2 PWM Function Features
⚫
Supports maximum clock frequency up to maximum PCLK
⚫
Supports independent mode for PWM generator with two output channels
⚫
Supports complementary mode for PWM generator with paired PWM output channel
–
12-bit dead-time insertion with 12-bit prescale
⚫
Supports 12-bit prescale from 1 to 4096
⚫
Supports 16-bit PWM counter
–
Up, down and up-down count operation type
–
One-shot or auto-reload counter operation mode
⚫
Supports mask function and tri-state enable for each PWM output pin
⚫
Supports brake function
–
Brake source from pin, analog comparator and system safety events (clock failed, Brown-out
detection, SRAM parity error and CPU lockup)
–
Brake pin noise filter control for brake source
–
Edge detect brake source to control brake state until brake status cleared
–
Level detect brake source to auto recover function after brake condition removed
⚫
Supports interrupt on the following events:
–
PWM zero point, period point, up-count compared or down-count compared point events
–
Brake condition happened
⚫
Supports trigger EADC on the following events:
–
PWM zero point, period, zero or period point, up-count compared or down-count compared
point events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com